| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFS5600AVMA0EP bảng dữ liệu(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AVMA0EP bảng dữ liệu(HTML) 53 Page - NXP Semiconductors |
|
53 / 111 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer Flag name Description ABIST_VMON3_OV_ERR = 1 indicates that the VMON3's over voltage monitor is not operating in the expected range. ABIST_VMON3_UV_ERR = 1 indicates that the VMON3's under voltage monitor is not operating in the expected range. ABIST_VMON4_OV_ERR = 1 indicates that the VMON4's over voltage monitor is not operating in the expected range. ABIST_VMON4_UV_ERR = 1 indicates that the VMON4's under voltage monitor is not operating in the expected range. ABIST_SW1_OV_ERR = 1 indicates that the SW1's over voltage monitor is not operating in the expected range. ABIST_SW1_UV_ERR = 1 indicates that the SW1's under voltage monitor is not operating in the expected range. ABIST_SW2_OV_ERR = 1 indicates that the SW2's over voltage monitor is not operating in the expected range. ABIST_SW2_UV_ERR = 1 indicates that the SW2's under voltage monitor is not operating in the expected range. Table 51. ABIST flag bits...continued The above bits are all 0 if ABIST test is successful. 17.12.2 On-demand ABIST When in the NORMAL STATE or INIT_RUN state, an application can request an on- demand ABIST to be performed by setting the OD_ABIST bit. This OD_ABIST bit is self- clearing after completing the on-demand ABIST. FS0B is asserted low during on-demand ABIST if initiated in the INIT_RUN state. FS0B remains high during on-demand ABIST if initiated in the NORMAL state. 17.12.3 Logical Built-In Self-Test (LBIST) The FS5600 includes a Logical Built-In Self-Test (LBIST) feature to verify functionality of the logic block in the FS5600. LBIST can be disabled by setting the OTP_LBIST_DIS[7:0] to 0b0011_0110. LBIST is enabled for all other values of OTP_LBIST_DIS[7:0]. If LBIST is disabled via OTP, the following conditions should be valid for LBIST to be truly disabled: • No boot error (from OTP controller) • No CRC error (from OTP controller) • No ECC error (from OTP controller) If one of these conditions are not satisfied LBIST is enabled. LBIST_PASS bit in the I2C map is set when LBIST is completed successfully and passes. 17.12.4 VCC and VDIG monitoring VCC and VDIG voltages are monitored for over and under voltage faults. The part is powered down if any of these faults is detected. See the state transition table for specific transitions. FS5600 All information provided in this document is subject to legal disclaimers. © 2022 NXP B.V. All rights reserved. Product data sheet Rev. 3 — 2 August 2022 53 / 111 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |