| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM625 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM625 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 255 page ![]() • (USB1 Signal Descriptions): Changed the maximum power dissipation expected for the USB0_RCALIB calibration resistor from 7.5mW to 7.2mW........................................................................................................56 • (GPM0 Signal Descriptions): Moved the GPMC0_FCLK_MUX signal from System Signal Descriptions to GPM0 Signal Descriptions................................................................................................................................56 • (System Signal Descriptions): Moved the GPMC0_FCLK_MUX signal from System Signal Descriptions to GPM0 Signal Descriptions................................................................................................................................56 • (Specifications): Remove note that says specifications are preliminary .......................................................... 90 • (Absolute Maximum Ratings): Defined values for all previously undefined TBD values.................................. 90 • (Absolute Maximum Ratings): Changed all 3.8V maximum values to 3.63V....................................................90 • (Absolute Maximum Ratings): Changed all 2.2V maximum values to 1.98V except MCU_PORz, which was changed to 3.63V..............................................................................................................................................90 • (ESD Ratings for ALW Package): Replaced TBD values with tested values....................................................92 • (ESD Ratings for AMC Package): Added a new ESD table for the AMC package...........................................92 • (Recommended Operating Conditions): Replaced VPP operating voltage values with a reference to the Recommended Operating Conditions for OTP eFuse Programming table.......................................................93 • (Operating Performance Points): Added "G" speed grade to the Device Speed Grade table, changed the maximum PRU operating frequency for speed grade "K" from 333 MHz to 250 MHz, and changed the maximum Device/Power Manager (Cortex-R5F) operating frequency for speed grades "S" and "T" from 400 MHz to 800 MHz............................................................................................................................................... 95 • (Power Consumption Summary): Added a link to the AM62x Power Estimation Tool application note............95 • (I2C OD FS Electrical Characteristics): Defined maximum VIH values for 1.8-V mode and 3.3-V mode and included a note that describes how these values also define the absolute maximum input voltage................ 96 • (I2C OD FS Electrical Characteristics): Removed the typical Input Leakage Current value and several TBD values which were not applicable..................................................................................................................... 96 • (I2C OD FS Electrical Characteristics): Defined the minimum input slew rate value and added notes to describe this parameter.................................................................................................................................... 96 • (I2C OD FS Electrical Characteristics): Changed the IOL minimum value from 20 to 10 for both 1.8 V and 3.3 V modes............................................................................................................................................................96 • (Fail-Safe Reset Electrical Characteristics): Changed all instances of VDDS_OSC to VDDS_OSC0............. 97 • (Fail-Safe Reset Electrical Characteristics): Defined the minimum input slew rate value and added notes to describe this parameter.................................................................................................................................... 97 • (Fail-Safe Reset Electrical Characteristics): Removed non-applicable TBD values from Input Slew Rate...... 97 • (High-Frequency Oscillator (HFOSC) Electrical Characteristics): Changed all instances of VDDS_OSC to VDDS_OSC0.................................................................................................................................................... 97 • (High-Frequency Oscillator (HFOSC) Electrical Characteristics): Defined maximum Input Leakage Current value................................................................................................................................................................. 97 • (Low-Frequency Oscillator (LFXOSC) Electrical Characteristics): Added new section to Electrical Characteristics.................................................................................................................................................. 97 • (SDIO Electrical Characteristics): Removed non-applicable TBD values from 3.3-V mode Input Slew Rate...98 • (SDIO Electrical Characteristics): Defined the minimum input slew rate value and added notes to describe this parameter...................................................................................................................................................98 • (LVCMOS Electrical Characteristics): Removed non-applicable TBD values from 1.8-V mode and 3.3-V mode Input Slew Rate................................................................................................................................................ 99 • (LVCMOS Electrical Characteristics): Defined the minimum input slew rate value and added notes to describe this parameter...................................................................................................................................................99 • (OLDI LVDS (OLDI) Electrical Characteristics): Added the OLDI LVDS (OLDI) Electrical Characteristics section............................................................................................................................................................ 100 • (USB2PHY Electrical Characteristics): Added USB1 in the description......................................................... 100 • (Recommended Operating Conditions for OTP eFuse Programming): Defined maximum VPP current........101 • (Power-Up Sequencing): Added a separate waveform for VDDSHV4, VDDSHV5, and VDDSHV6 with a reference to footnote 13 that clarifies this power rail supports power-up, power-down, or dynamic voltage change without any dependency on other power rails....................................................................................106 • (Power-Down Sequencing): Added a separate waveform for VDDSHV4, VDDSHV5, and VDDSHV6 with a reference to footnote 7 that clarifies this power rail supports power-up, power-down, or dynamic voltage change without any dependency on other power rails....................................................................................108 AM625, AM623 SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022 www.ti.com 8 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM625 AM623 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |