| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L320D bảng dữ liệu(PDF) 4 Page - Nippon Pulse America, Inc. |
|
|
|||||||||||||||||||||||||||||
L320D bảng dữ liệu(HTML) 4 Page - Nippon Pulse America, Inc. |
|
4 / 5 page ![]() www.nipponpulse.com For assistance in selecting the best motor for your application, contact Nippon Pulse to speak with an applications engineer. 1-540-633-1677 Stroke L320D L320T L320Q 100 Stroke is less than the electrical cycle length. Contact Nippon Pulse. 150 410mm (16.1in) 470mm (18.5in) 530mm (20.9in) 200 460mm (18.1in) 520mm (20.5in) 580mm (22.8in) 250 510mm (20.1in) 570mm (22.4in) 630mm (24.8in) 300 560mm (22in) 620mm (24.4in) 680mm (26.8in) 350 610mm (24in) 670mm (26.4in) 730mm (28.7in) 400 660mm (26in) 720mm (28.3in) 780mm (30.7in) 450 710mm (28in) 770mm (30.3in) 830mm (32.7in) 500 760mm (29.9in) 820mm (32.3in) 880mm (34.6in) 550 810mm (31.9in) 870mm (34.3in) 930mm (36.6in) 600 860mm (33.9in) 920mm (36.2in) 980mm (38.6in) 650 910mm (35.8in) 970mm (38.2in) 1030mm (40.6in) 700 960mm (37.8in) 1020mm (40.2in) 1080mm (42.5in) 750 1010mm (39.8in) 1070mm (42.1in) 1130mm (44.5in) 800 1100mm (43.3in) 1160mm (45.7in) 1220mm (48in) 850 1150mm (45.3in) 1210mm (47.6in) 1270mm (50in) 900 1200mm (47.2in) 1260mm (49.6in) 1320mm (52in) 950 1250mm (49.2in) 1310mm (51.6in) 1370mm (53.9in) 1000 1300mm (51.2in) 1360mm (53.5in) 1420mm (55.9in) 1050 1350mm (53.1in) 1410mm (55.5in) 1470mm (57.9in) 1100 1400mm (55.1in) 1460mm (57.5in) 1520mm (59.8in) 1150 1450mm (57.1in) 1510mm (59.4in) 1570mm (61.8in) 1200 1500mm (59.1in) 1560mm (61.4in) 1620mm (63.8in) 1250 1550mm (61in) 1610mm (63.4in) 1670mm (65.7in) 1300 1600mm (63in) 1660mm (65.4in) 1720mm (67.7in) 1350 1650mm (65in) 1710mm (67.3in) 1770mm (69.7in) 1400 1700mm (66.9in) 1760mm (69.3in) 1820mm (71.7in) 1450 1750mm (68.9in) 1810mm (71.3in) 1870mm (73.6in) 1500 1800mm (70.9in) 1860mm (73.2in) 1920mm (75.6in) 1550 1910mm (75.2in) 1970mm (77.6in) 2030mm (79.9in) 1600 1960mm (77.2in) 2020mm (79.5in) 2080mm (81.9in) 1650 2010mm (79.1in) 2070mm (81.5in) 2130mm (83.9in) 1700 2060mm (81.1in) 2120mm (83.5in) 2180mm (85.8in) 1750 2110mm (83.1in) 2170mm (85.4in) 2230mm (87.8in) 1800 2160mm (85in) 2220mm (87.4in) 2280mm (89.8in) 1850 2210mm (87in) 2270mm (89.4in) 2330mm (91.7in) 1900 2260mm (89in) 2320mm (91.3in) 2380mm (93.7in) 1950 2310mm (90.9in) 2370mm (93.3in) 2430mm (95.7in) 2000 2360mm (92.9in) 2420mm (95.3in) 2480mm (97.6in) Shaft Length (L) Shaft Mass Stroke L320D L320T L320Q 100 Stroke is less than the electrical cycle length. Contact Nippon Pulse. 150 2.1kg (4.6lb) 2.4kg (5.3lb) 2.8kg (6.2lb) 200 2.4kg (5.3lb) 2.7kg (6lb) 3kg (6.6lb) 250 2.7kg (6lb) 3kg (6.6lb) 3.3kg (7.3lb) 300 2.9kg (6.4lb) 3.3kg (7.3lb) 3.6kg (7.9lb) 350 3.2kg (7.1lb) 3.6kg (7.9lb) 3.9kg (8.6lb) 400 3.5kg (7.7lb) 3.8kg (8.4lb) 4.2kg (9.3lb) 450 3.8kg (8.4lb) 4.1kg (9lb) 4.5kg (9.9lb) 500 4.1kg (9lb) 4.4kg (9.7lb) 4.7kg (10.4lb) 550 4.3kg (9.5lb) 4.7kg (10.4lb) 5kg (11lb) 600 4.6kg (10.1lb) 5kg (11lb) 5.3kg (11.7lb) 650 4.9kg (10.8lb) 5.2kg (11.5lb) 5.6kg (12.3lb) 700 5.2kg (11.5lb) 5.5kg (12.1lb) 5.9kg (13lb) 750 5.5kg (12.1lb) 5.8kg (12.8lb) 6.1kg (13.4lb) 800 5.8kg (12.8lb) 6.2kg (13.7lb) 6.5kg (14.3lb) 850 6.1kg (13.4lb) 6.5kg (14.3lb) 6.8kg (15lb) 900 6.4kg (14.1lb) 6.7kg (14.8lb) 7.1kg (15.7lb) 950 6.7kg (14.8lb) 7kg (15.4lb) 7.4kg (16.3lb) 1000 7kg (15.4lb) 7.3kg (16.1lb) 7.6kg (16.8lb) 1050 7.3kg (16.1lb) 7.6kg (16.8lb) 7.9kg (17.4lb) 1100 7.5kg (16.5lb) 7.9kg (17.4lb) 8.2kg (18lb) 1150 7.8kg (17.2lb) 8.2kg (18lb) 8.5kg (18.7lb) 1200 8.1kg (17.9lb) 8.4kg (18.5lb) 8.8kg (19.4lb) 1250 8.4kg (18.5lb) 8.7kg (19.2lb) 9.1kg (20.1lb) 1300 8.7kg (19.2lb) 9kg (19.8lb) 9.3kg (20.5lb) 1350 8.9kg (19.6lb) 9.3kg (20.5lb) 9.6kg (21.2lb) 1400 9.2kg (20.3lb) 9.6kg (21.2lb) 9.9kg (21.8lb) 1450 9.5kg (20.9lb) 9.8kg (21.6lb) 10.2kg (22.5lb) 1500 9.8kg (21.6lb) 10.1kg (22.3lb) 10.5kg (23.1lb) 1550 10.2kg (22.5lb) 10.5kg (23.1lb) 10.9kg (24lb) 1600 10.5kg (23.1lb) 10.8kg (23.8lb) 11.2kg (24.7lb) 1650 10.8kg (23.8lb) 11.1kg (24.5lb) 11.5kg (25.4lb) 1700 11.1kg (24.5lb) 11.4kg (25.1lb) 11.7kg (25.8lb) 1750 11.3kg (24.9lb) 11.7kg (25.8lb) 12kg (26.5lb) 1800 11.6kg (25.6lb) 12kg (26.5lb) 12.3kg (27.1lb) 1850 11.9kg (26.2lb) 12.2kg (26.9lb) 12.6kg (27.8lb) 1900 12.2kg (26.9lb) 12.5kg (27.6lb) 12.9kg (28.4lb) 1950 12.5kg (27.6lb) 12.8kg (28.2lb) 13.1kg (28.9lb) 2000 12.7kg (28lb) 13.1kg (28.9lb) 13.4kg (29.5lb) Additional stroke lengths are available (up to 3640 for L320D, 3580 for L320T and 3520 for L320Q). Contact Nippon Pulse for more information. |