| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29DL16XCB70EEB bảng dữ liệu(PDF) 47 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL16XCB70EEB bảng dữ liệu(HTML) 47 Page - Advanced Micro Devices |
|
47 / 51 page ![]() Am29DL16xC 47 P R E L I M I NARY PHYSICAL DIMENSIONS SSO056—56-Pin Shrink Small Outline Package (SSOP) (measured in millimeters) SEE DETAIL "G" SEE DETAIL "B" 0.20 M C C A SS B 0.20 M C A SS B 0.10 56 29 128 Index Area 13.10 13.50 15.70 16.30 16-038-SSO56-2_AB ES107 9.15.98 lv 23.40 24.00 SEATING PLANE 0.80 BSC 0.25 0.45 0.45 0.65 1.15 1.35 2.00 MAX GAUGE PLANE SEATING PLANE DETAIL "G" 0.60 1.00 0.09 Min 0 ° 8 ° A A 0.25 0.40 BSC Even Lead Sides X = D or F DETAIL "B" With Lead Finish 0.10 0.21 0.10 0.18 0.30 0.40 0.25 0.45 Base Metal SECTION A-A |