| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM5665 bảng dữ liệu(PDF) 12 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
AM5665 bảng dữ liệu(HTML) 12 Page - BCD Semiconductor Manufacturing Limited |
|
12 / 14 page ![]() 5-CHANNEL MOTOR DRIVER FOR DVD PLAYER AM5665 Preliminary Datasheet 12 Apr. 2005 Rev. 1. 1 BCD Semiconductor Manufacturing Limited Application Information Input Output FWD REV VOTR+ VOTR- Status High High Low Low Break High Low High Low Forward Low High Low High Reverse Low Low Open Open Standby Figure 15. Tray Motor Driver Control Illustration Tray Motor Speed Control The amplitude of output voltage depends on VCTL (pin 21). Connect a resistor between VCTL (pin 21) and VCC1, and you can obtain different output voltages for tray driver by changing the value of RVCTL. (See Figure 4.) VCTL R VCTL VOTR+ VOTR- Logic Switching FWD REV Level Shift V CC1 V CC1 + - + - Pre-Amp Output Status Control Table Tray Motor Driver This application information is only for the Tray Motor Driver section. |