| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM486DX2 bảng dữ liệu(PDF) 9 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM486DX2 bảng dữ liệu(HTML) 9 Page - Advanced Micro Devices |
|
9 / 67 page ![]() Am5X86 Microprocessor 9 AMD PRELIMINARY 1.2 168-pin PGA Designations (Functional Grouping) Address Data Control Test INC Vcc Vss Pin Name Pin No. Pin Name Pin No. Pin Name Pin No. Pin Name Pin No. Pin No. Pin No. Pin No. A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 A22 A23 A24 A25 A26 A27 A28 A29 A30 A31 Q-14 R-15 S-16 Q-12 S-15 Q-13 R-13 Q-11 S-13 R-12 S-7 Q-10 S-5 R-7 Q-9 Q-3 R-5 Q-4 Q-8 Q-5 Q-7 S-3 Q-6 R-2 S-2 S-1 R-1 P-2 P-3 Q-1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23 D24 D25 D26 D27 D28 D29 D30 D31 P-1 N-2 N-1 H-2 M-3 J-2 L-2 L-3 F-2 D-1 E-3 C-1 G-3 D-2 K-3 F-3 J-3 D-3 C-2 B-1 A-1 B-2 A-2 A-4 A-6 B-6 C-7 C-6 C-8 A-8 C-9 B-8 A20M ADS AHOLD BE0 BE1 BE2 BE3 BLAST BOFF BRDY BREQ BS8 BS16 CACHE CLK CLKMUL D/C DP0 DP1 DP2 DP3 EADS FERR FLUSH HITM HLDA HOLD IGNNE INTR INV KEN LOCK M/IO NMI PCD PCHK PLOCK PWT RDY RESET SMI SMIACT SRESET STPCLK UP VOLDET WB/WT W/R D-15 S-17 A-17 K-15 J-16 J-15 F-17 R-16 D-17 H-15 Q-15 D-16 C-17 B-12 C-3 R-17 M-15 N-3 F-1 H-3 A-5 B-17 C-14 C-15 A-12 P-15 E-15 A-15 A-16 A-10 F-15 N-15 N-16 B-15 J-17 Q-17 Q-16 L-15 F-16 C-16 B-10 C-12 C-10 G-15 C-11 S-4 B-13 N-17 TCK TDI TDO TMS A-3 A-14 B-16 B-14 A-13 C-13 J-1 B-7 B-9 B-11 C-4 C-5 E-2 E-16 G-2 G-16 H-16 K-2 K-16 L-16 M-2 M-16 P-16 R-3 R-6 R-8 R-9 R-10 R-11 R-14 A-7 A-9 A-11 B-3 B-4 B-5 E-1 E-17 G-1 G-17 H-1 H-17 K-1 K-17 L-1 L-17 M-1 M-17 P-17 Q-2 R-4 S-6 S-8 S-9 S-10 S-11 S-12 S-14 Notes: 1. VOLDET is connected internally to VSS. 2. INC = Internal No Connect |