
•221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798•
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 273, REV. B
12A-Peak Low Side Dual MOSFET Driver
Bipolar/CMOS/DMOS Process
FEATURES:
• High Peak Output Current - 12A
• Wide Operating Range - 4.5V to 18V
• Low Supply Current - 450µA w/Logic 1 Input
• Low Output Impedance - 1.0Ω, Typical
MAXIMUM RATINGS (per driver)
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
Power Dissipation
(TA ≤
25
°C)
-
-
-
1,250
mW
Derating Factors
(To Ambient)
-
-
-
10
mW/
°C
Storage Temperature
-
-65
-
+150
°C
Lead Temperature (10sec)
-
-
-
300
°C
Supply Voltage
-
-
-
20
Volts
Input Voltage, (to Ground)
-
-5.0V
Gnd.
-
VS+0.3V
Gnd.
Volts
Input Current (VIN >VS)
-
50
mA
ELECTRICAL CHARACTERISTICS (per driver)
T
A
= 25
°C with 4.5V ≤ V
S ≤ 18V otherwise specified.
Logic 1 Input Voltage
VIH
2.4
1.3
-
Volts
Logic 0 Input Voltage
VIL
-
1.1
0.8
Volts
Input Voltage Range
VIN
-5.0
-
VS +0.3
Volts
Input Current, (0V
≤ V
IN ≤ VS)
IIN
-10
-
10
µA
High Output Voltage
VOH
VS
-0.025
-
-
Volts
Low Output Voltage
VOL
-
-
0.025
Volts
Output Resistance, Output Low, (IOUT = 10mA, Vs = 18V
RO
-
0.6
1.5
Ohms
Output Resistance, Output High, (IOUT = 10mA, Vs = 18V
RO
-
0.8
1.5
Ohms
Peak Output Current (VS = 18V)
IPK
-
12
-
Amps
Latch-Up Protection (Duty Cycle
≤ 2% t ≤ 300µs)
IR
>1500
-
-
mA
Rise Time, (CL = 15,000 pF)
tR
-
20
40
ns
Fall Time, (CL = 15,000 pF)
tF
-
24
50
ns
Delay Time
td1
-
15
30
ns
Delay Time
td2
-
35
60
ns
Power Supply Current, (VIN = 3.0V)
(VIN = 0V)
IS
-
-
0.4
80
1.5
150
mA
µA
Operating Input Voltage
VS
4.5
-
18
Volts
ELECTRICAL CHARACTERISTICS
T
A
= -55
°C to +125°C with 4.5V ≤ V
S ≤ 18V otherwise specified.
Logic 1 Input Voltage
VIH
2.4
1.4
-
Volts
Logic 0 Input Voltage
VIL
-
1.0
0.8
Volts
Input Voltage Range
VIN
-5.0
-
VS +0.3
Volts
Input Current, (0V
≤ V
IN ≤ VS)
IIN
-10
-
10
µA
High Output Voltage
VOH
VS
-0.025
-
-
Volts
Low Output Voltage
VOL
-
-
0.025
Volts
SHD852002