công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LED-128G032B-1 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện LED-128G032B-1
Giải thích chi tiết về linh kiện  LED Display Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LED-128G032B-1 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  LED-128G032B-1 Datasheet HTML 1Page - Vishay Siliconix LED-128G032B-1 Datasheet HTML 2Page - Vishay Siliconix LED-128G032B-1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LEE-128G032B-1
www.vishay.com
Vishay Dale
Revision: 07-Dec-12
1
Document Number: 37096
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LED Display Modules
128 x 32 Graphics Display with Drive Electronics and + 5 V HC CMOS Level Video Interface
Orange LED Modules, Normal Brightness, Single Board Construction, RoHS-Compliant
The LEE-128G032B-1 is an LED replacement for the popular
APD-128G032 plasma display module. It is designed to
offer high brightness and superior viewing characteristics in
a slim package. This display is ideal for low to medium level
information content and is ideal for applications such as
arcade games, process control, POS terminals, medical
equipment, message centers and ATM machines.
The LEE-128G032B-1 LED display offers high contrast,
wide viewing angle, and long distance readability. It emits a
bright orange color which catches the attention of the
viewer, but is yet comfortable to the eye.
The LEE-128G032B-1 LED display has a video type
interface and is driven in a standard row/column refresh
method. Pixel data is clocked for a row, and rows are
scanned sequentially. Signals are presented for serial data,
dot clock, column latch, row data, row clock and display
enable. The serial data is entered with the dot clock up to
frequencies as high as 8 MHz. After a row of 128 pixels is
clocked in, the column latch signal is toggled and the data
is latched. At the time the data is latched, the display is
briefly disabled using the display enable signal, then the
row pointer is advanced with the row clock signal. Once
each frame the row data must be asserted to synchronize
the column serial data with the beginning row. The
recommended scanning frequency is approximately 70 Hz,
but may be as high as 200 Hz.
Note
• Recommended operating voltages, all maximums are absolute
maximum
FEATURES
• LED replacement for the popular APD-128G032
plasma display module
• + 5 V HC CMOS level video interface
• Large characters
• Highly visible for long distance viewing
• > 30:1 contrast ratio
• Bright orange color
• Slim profile
• Reduced power and brightness version
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
ELECTRICAL SPECIFICATIONS
Voltage(s) Required: + 5 VDC (VCC)
Power Required (Fully Lit): Typ. = 5.5 W, max. = 6.5 W
OPTICAL SPECIFICATIONS
Viewing Area: 12.75" [323.8 mm] W x 3.15" [80.01 mm] L
Character Size (5 x 7): 0.65" [16.51 mm] H x 0.45" [11.43 mm] W
Pixel Size: 0.063" [1.6 mm] H x 0.031" [0.8 mm] W
Pixel Pitch: 0.100" [2.54 mm]
Luminance: 100 ft-L minimum
Color: Bright orange
Viewing Angle: > 150°
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 40 °C to + 85 °C
Storage Temperature: - 40 °C to + 85 °C
Relative Operating Humidity: To 95 % non-condensing
Mechanical Shock: 30 G
Vibration: 3 G
Operating Altitude: 10 000 ft
STANDARD ELECTRICAL SPECIFICATIONS
DESCRIPTION
SYMBOL
MIN.
TYP.
MAX.
UNITS
Logic and LED
Drive Voltage
VCC
+ 4.5
+ 5.0
+ 5.5
VDC
Logic and LED
Drive Current
(Fully Lit)
ICC
-1.1
1.3
ADC
Logic 1 Input
Vih
0.7 VCC
--
VDC
Logic 0 Input
Vil
-
-
0.3 VCC
VDC
DIMENSIONS in inches [millimeters]
0.250
Max.
0.062
7.25
14.80
7.25
12.68 Viewing Area
Pin 1 of J1
Pin 1 of J2
0.150 Mounting Holes (6 x)
1.057


Số phần tương tự - LED-128G032B-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
LED-128G032B-2 VISHAY-LED-128G032B-2 Datasheet
142Kb / 3P
LED Display Modules
07-Dec-12
LED-128G032B-3 VISHAY-LED-128G032B-3 Datasheet
142Kb / 3P
LED Display Moduless
07-Dec-12
More results

Mô tả tương tự - LED-128G032B-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
LEE-128G032B VISHAY-LEE-128G032B Datasheet
135Kb / 3P
LED Display Modules
07-Dec-12
APD-128G032A VISHAY-APD-128G032A Datasheet
56Kb / 3P
Plasma Display Modules
24-Nov-00
LEE-128G032-1 VISHAY-LEE-128G032-1 Datasheet
180Kb / 3P
LED Display Modules
14-Jan-09
LEE-128G032 VISHAY-LEE-128G032 Datasheet
180Kb / 3P
LED Display Modules
14-Feb-08
LEE-128G032B-2 VISHAY-LEE-128G032B-2 Datasheet
142Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B-1 VISHAY-LEE-128G032B-1_V01 Datasheet
140Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B VISHAY-LEE-128G032B_V02 Datasheet
137Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B-2 VISHAY-LEE-128G032B-2_V01 Datasheet
143Kb / 3P
LED Display Modules
07-Dec-12
LEE-128G032B-3 VISHAY-LEE-128G032B-3_V01 Datasheet
142Kb / 3P
LED Display Modules
07-Dec-12
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com