| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC-3181SW bảng dữ liệu(PDF) 2 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PPC-3181SW bảng dữ liệu(HTML) 2 Page - Advantech Co., Ltd. |
|
2 / 2 page ![]() www.advantech.com/products Online Download VisionNavi Ordering Information SW License Part Number Description 36ASESRPVEFU01 FULL, Advanced level 36ASESRPVEAL01 Alignment, Advanced level 36ASESRPVEID01 ID, Advanced level 96PD-ESRP-VIFU01 FULL, Entry level 96PD-ESRP-VIAL01 Alignment, Entry level 96PD-ESRP-VIID01 ID, Entry level Industrial Camera Part Number Description QCAM-GM0640-300CE 640 x 480, 376fps, Mono, GigE, POE QCAM-GC0640-300CE 640 x 480, 340fps, Color, GigE, POE QCAM-GM1440-073CE 1440 x 1080, 73fps, Mono, GigE, POE QCAM-GC1440-073CE 1440 x 1080, 73fps, Color, GigE, POE QCAM-GM2440-020CE 2448 x 2048, 23fps, Mono, GigE, POE QCAM-GC2440-020CE 2448 x 2048, 23fps, Color, GigE, POE QCAM-GM4000-008CE 1 4024 x 3036, 8fps, Mono, GigE, POE QCAM-GC4600-007CE 1 4608 x 3288, 7fps, Color, GigE, POE QCAM-GM5400-005CE 1 5472 x 3648, 5fps, Mono, GigE, POE QCAM-UM1440-220CE 2 1440 x 1080, 227fps, Mono, USB3.0 QCAM-UC1440-220CE 2 1440 x 1080, 227fps, Color, USB3.0 QCAM-UM2440-035CE 2 2448 x 2048, 35fps, Mono, USB3.0 QCAM-UC2440-035CE 2 2448 x 2048, 35fps, Color, USB3.0 1 Compatiable with 96PD-ESRP-VIFU01, 96PD-ESRP-VIAL01, 96PD-ESRP-VIID01 2 Compatiable with 36ASESRPVEFU01, 36ASESRPVEAL01, 36ASESRPVEID01 Smart Camera Part Number Description ICAM-7100 1 1280 x 960, 54fps, Mono ICAM-7110 1 1280 x 960, 54fps, Color ICAM-7500 1 2592 x 1944, 14fps, Mono ICAM-7510 1 2592 x 1944, 14fps, Color 1 Compatiable with 96PD-ESRP-VIFU01, 96PD-ESRP-VIAL01, 96PD-ESRP-VIID01 Platform Part Number Description AIIS-3410 Compact vision system, supports Intel® 6th generation core i CPU MIC-770 Compact fan less System with 8th Gen Intel® Core™ i CPU IPC-220 Compact industrial computer system with 6th/7th Gen Intel® Core™ i CPU UNO-2100 Intel® 7th Core™ i7/i5® 3965U Regular-Size modular box platform TPC-300 Touch panel computer with 8th Gen Intel® Core™ i CPU PPC-3181SW All-in-one fan less panel PC 6th Gen Intel® Core™ i CPU AMAX-5580 1 Intel® Core™ i7/i5/Celeron® control IPC With EtherCAT slice IO expansion 1 Compatiable with 96PD-ESRP-VIFU01, 96PD-ESRP-VIAL01, 96PD-ESRP-VIID01 Capture Cards Part Number Description PCIE-1674E 4-Port PCI Express GigE vision frame grabber PCIE-1672E 2-Port PCI Express GigE vision frame grabber I/O Cards Part Number Description PCIE-1730-AE 32-ch TTL and 32-ch isolated digital I/O PCIE card |