| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AVRM2012 bảng dữ liệu(PDF) 11 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
AVRM2012 bảng dữ liệu(HTML) 11 Page - TDK Electronics |
|
11 / 12 page ![]() (11/12) 20220209 / vpd_varistors_avr_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. Voltage Protection Devices Chip varistors REEL DIMENSIONS PACKAGE QUANTITY / INDIVIDUAL WEIGHT TAPE DIMENSIONS Packaging style RoHS Directive Compliant Product Compatible with lead-free solders ø180 ±2.0 2.0 ±0.5 ø13 ±0.2 ø21 ±0.8 Dimensions in mm 0.8 14.0max. 9.0max. Type Package quantity Individual weight (pieces/reel) (mg) AVRM0402/AVRL04/SNGE04 20,000 0.1 AVRM0603/AVR-M0603/AVRL06/ SGNE06 15,000 0.2 AVRM1005/AVR-M1005/AVRL10/ AVRH10 10,000 1.2 AVRM1608/AVR-M1608/AVRL16 4,000 5 AVRM2012/AVR-M2012 2,000 13 Dimensions in mm Type A B P1 T 0402 0.26±0.04 0.46±0.04 2.0±0.05 0.40max. 0603 0.38±0.05 0.68±0.05 2.0±0.05 0.45max. 1005 0.65+0.05/–0.1 1.15+0.05/–0.1 2.0±0.05 0.65max. 1608 1.1±0.2 1.9±0.2 4.0±0.1 1.1max. 2012 1.5±0.2 2.3±0.2 4.0±0.1 1.1max 4.0±0.1 2.0±0.05 A P1 T 1.5 +0.1 0 Dimensions in mm 160min. Taping 200min. 200min. Drawing direction |