| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AVR-M2012 bảng dữ liệu(PDF) 7 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
AVR-M2012 bảng dữ liệu(HTML) 7 Page - TDK Electronics |
|
7 / 12 page ![]() (7/12) 20220209 / vpd_varistors_avr_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. Voltage Protection Devices Chip varistors Board design When attached to chip varistors, amount of silver used (fillet size) has direct impact on chip varistors after mounting. Thus, sufficient consideration is necessary. Set of land dimensions (1) As the stress rises in the chip varistors owing to the increase in silver, breakage and cracks will occur. Cause including crack, as caution on board land design, configure the shape and dimensions so that the amount of silver is appropriate. If you installed 2 or more parts in the Common Land, separated by a solder resist and special land of each component. (2) When peak levels panning-at soldering is excessive, by solder contraction stress, mechanical-thermal stress causes a Yasuku chip crack. In addition, when the peak level is underestimated, ter- minal electrode fixed strength is insufficient. This causes chip dropouts and may affect circuit reliability. Representative example of the panning of peak levels is shown in the following. Recommended silver dose Case and suggested protocol want to avoid Attention on a circuit board design RoHS Directive Compliant Product Compatible with lead-free solders Dimensions shape Symbol A B C 0402 0.20 Nom. 0.15 to 0.21 0.18 to 0.20 0603 0.25 to 0.35 0.20 to 0.30 0.25 to 0.35 1005 0.30 to 0.50 0.35 to 0.45 0.40 to 0.60 1608 0.60 to 0.80 0.60 to 0.80 0.60 to 0.80 2012 0.90 to 1.20 0.70 to 0.90 0.90 to 1.20 A B C Solder volume overload Solder stress is increased, and it is easy for a crack to form. Decent solder volume Solder volume deficit Fixed strength is weak, and there is connection a prob- lem and risk of loss. Example Cases to avoid Improvement example (land division) Lead wire and land of part discrete doubles up Arrangements in the vicinity Arrangements of chip component's companion Most large serving amount Minimum prime amount Solder Chip Leads PCB Solder resist Leads Solder (ground solder) Chassis L1 Solder resist L2 L2>L1 Land Land Excess solder Missing solder Solder resist |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |