| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STNRGPF12TR bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNRGPF12TR bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 43 page ![]() Figure 21. STNRGPF02 - TSSOP38 pinout 4.2 Pin description Table 1. Pin description N TYPE(1) NAME STNRGPF12 NAME STNRGPF02 PIN DESCRIPTION 1 OP PWM[0] PWM[0] This pin generates the PWM0 for the channel CH[0] 2 O CLOCK This pin generates a PWM signal at selected working frequency having duty cycle 50%. This signal it's used to generate a triangular waveforms at switching frequency by means an external op_amp. The CLOCK signal is also used to realize a protection against undesired commutations 3 O OFFSET This pin generated a PWM signal in order to compensate the offset of the external operational amplifier that performs the current loop PI compensator. STNRGPF02, STNRGPF12 Pin description DS12895 - Rev 2 page 19/43 |