công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB95F118AS bảng dữ liệu(PDF) 13 Page - fujitsu semiconductor

tên linh kiện MB95F118AS
Giải thích chi tiết về linh kiện  8-bit Proprietary Microcontrollers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB95F118AS bảng dữ liệu(HTML) 13 Page - fujitsu semiconductor

Back Button MB95F118AS Datasheet HTML 9Page - fujitsu semiconductor MB95F118AS Datasheet HTML 10Page - fujitsu semiconductor MB95F118AS Datasheet HTML 11Page - fujitsu semiconductor MB95F118AS Datasheet HTML 12Page - fujitsu semiconductor MB95F118AS Datasheet HTML 13Page - fujitsu semiconductor MB95F118AS Datasheet HTML 14Page - fujitsu semiconductor MB95F118AS Datasheet HTML 15Page - fujitsu semiconductor MB95F118AS Datasheet HTML 16Page - fujitsu semiconductor MB95F118AS Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
MB95110A Series
13
■ HANDLING DEVICES
• Preventing Latchup
Care must be taken to ensure that maximum voltage ratings are not exceeded when it is used.
Latchup may occur on CMOS ICs if voltage higher than VCC or lower than VSS is applied to input and output pins
other than medium- and high-withstand voltage pins or if higher than the rating voltage is applied between VCC
and VSS.
When latchup occurs, power supply current increases rapidly and might thermally damage elements.
Also, take care to prevent the analog power supply voltage (AVCC) and analog input voltage from exceeding the
digital power supply voltage (VCC) when the analog system power supply is turned on or off.
• Stable Supply Voltage
Supply voltage should be stabilized.
A sudden change in power-supply voltage may cause a malfunction even within the guaranteed operating range
of the Vcc power-supply voltage.
For stabilization, in principle, keep the variation in Vcc ripple (p-p value) in a commercial frequency range
(50 Hz to 60 Hz) not to exceed 10% of the Vcc value and suppress the voltage variation so that the transient
variation rate does not exceed 0.1 V/ms during a momentary change such as when the power supply is switched.
• Treatment of Unused Input Pin
An unused input pin may cause a malfunction if it is left open. It should be connected to a pull-up or pull-down
resistor.
• Treatment of Power Supply Pins on A/D Converter
Connect to be AVCC
= VCC and AVSS = VSS even if the A/D converter is not in use.
• Precautions for Use of External Clock
Even when an external clock is used, oscillation stabilization wait time is required for power-on reset, wake-up
from subclock mode or stop mode.
• Precaution against Noise to the External Reset Pin (RST)
An input of a reset pulse below the specified level to the external reset pin (RST) may cause malfunctions. Be
sure not to allow an input of a reset pulse below the specified level to the external reset pin (RST).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com