công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L151R6U6ADTR bảng dữ liệu(PDF) 84 Page - STMicroelectronics

tên linh kiện STM32L151R6U6ADTR
Giải thích chi tiết về linh kiện  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151R6U6ADTR bảng dữ liệu(HTML) 84 Page - STMicroelectronics

Back Button STM32L151R6U6ADTR Datasheet HTML 80Page - STMicroelectronics STM32L151R6U6ADTR Datasheet HTML 81Page - STMicroelectronics STM32L151R6U6ADTR Datasheet HTML 82Page - STMicroelectronics STM32L151R6U6ADTR Datasheet HTML 83Page - STMicroelectronics STM32L151R6U6ADTR Datasheet HTML 84Page - STMicroelectronics STM32L151R6U6ADTR Datasheet HTML 85Page - STMicroelectronics STM32L151R6U6ADTR Datasheet HTML 86Page - STMicroelectronics STM32L151R6U6ADTR Datasheet HTML 87Page - STMicroelectronics STM32L151R6U6ADTR Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 129 page
background image
Electrical characteristics
STM32L151x6/8/B-A STM32L152x6/8/B-A
84/129
DocID024330 Rev 4
6.3.13
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 43 are derived from tests
performed under conditions summarized in Table 14. All I/Os are CMOS and TTL compliant.
Table 43. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
TC and FT I/O
-
-
0.3 VDD(1)(2)
V
BOOT0
-
0.14 VDD(2)
VIH
Input high level voltage
TC I/O
0.45 VDD+0.38(2)
--
FT I/O
0.39 VDD+0.59(2)
--
BOOT0
0.15 VDD+0.56(2)
--
Vhys
I/O Schmitt trigger voltage
hysteresis(2)
TC and FT I/O
-
10% VDD(3)
-
BOOT0
-
0.01
-
Ilkg
Input leakage current(4)
VSS ≤VIN ≤VDD
I/Os with LCD
--
±50
nA
VSS ≤VIN ≤VDD
I/Os with analog
switches
--
±50
VSS ≤VIN ≤VDD
I/Os with analog
switches and LCD
--
±50
VSS ≤VIN ≤VDD
I/Os with USB
--
±250
VSS ≤VIN ≤VDD
TC and FT I/O
--
±50
FT I/O
VDD ≤VIN ≤5V
--
±10
uA
RPU
Weak pull-up equivalent
resistor(5)(1)
VIN = VSS
30
45
60
k
Ω
RPD
Weak pull-down equivalent
resistor(5)
VIN = VDD
30
45
60
k
Ω
CIO
I/O pin capacitance
-
-
5
-
pF
1. Guaranteed by test in production.
2. Guaranteed by design.
3. With a minimum of 200 mV.
4. The max. value may be exceeded if negative current is injected on adjacent pins.
5. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimal (~10% order).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com