| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L152VB-A bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152VB-A bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 129 page ![]() Functional overview STM32L151x6/8/B-A STM32L152x6/8/B-A 28/129 DocID024330 Rev 4 Table 7. Timer feature comparison Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/compare channels Complementary outputs TIM2, TIM3, TIM4 16-bit Up, down, up/down Any integer between 1 and 65536 Yes 4 No TIM9 16-bit Up, down, up/down Any integer between 1 and 65536 No 2 No TIM10, TIM11 16-bit Up Any integer between 1 and 65536 No 1 No TIM6, TIM7 16-bit Up Any integer between 1 and 65536 Yes 0 No |