| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L062T8 bảng dữ liệu(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L062T8 bảng dữ liệu(HTML) 123 Page - STMicroelectronics |
|
123 / 124 page ![]() DS10183 Rev 11 123/124 STM32L062x8 Revision history 123 11- Sep- 2017 9 Memories and I/Os moved after Core in Features. Removed column "I/O operation" from Table 2: Functionalities depending on the operating power supply range and added note related to GPIO speed. Updated VDD_USB in Section 3.4.1: Power supply schemes. In Section 5: Memory mapping, replaced memory mapping schematic by reference to the reference manual. Updated minimum and maximum values of I/O weak pull-up equivalent resistor (RPU) and weak pull-down equivalent resistor (RPD) in Table 51: I/O static characteristics. Updated minimum and maximum values of NRST weak pull-up equivalent resistor (RPU) in Table 54: NRST pin characteristics. Removed Table 90: USART/LPUART characteristics. Updated note below marking schematics. 19- Nov- 2019 10 Added UFQFPN48 as well as STM32L062C8 par number. Updated Arm logo and added Arm word mark notice in Section 1: Introduction. Removed Cortex and USB logos. Updated Table 4: Functionalities depending on the working mode (from Run/active down to standby) to change I2C functionality to disabled in Low- power Run and Low-power Sleep modes. Changed PC14-OSC_IN into PC14-OSC32_IN in Figure 6: STM32L062x8 UFQFPN32 pinout. Updated VDD_USB description in Section 3.4.1: Power supply schemes. Changed USARTx_RTS, USARTx_RTS_DE into USARTx_RTS/USARTx_DE, and LPUART1_RTS, LPUART1_RTS_DE into LPUART1_RTS/LPUART1_DE in Section 4: Pin descriptions and in all alternate function tables. In Table 18: Voltage characteristics, added VDD_USB in the list of External main supply voltage, and in note 1. and 3. Added ΣIVDD_USB In Table 18: Voltage characteristics. Updated VDD_USB and note 2. in Table 21: General operating conditions. Removed R10K and R400K from Table 61: Comparator 1 characteristics. Updated tAF maximum value for range 1 in Table 64: I2C analog filter characteristics. Updated Figure 42: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch quad flat package outline and added note related to exposed pad; updated Table 77: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch quad flat package mechanical data. Updated paragraph introducing all package marking schematics to add the new sentence “The printed markings may differ depending on the supply chain.” 19- Aug- 2020 11 Updated SPI/I2S interfaces and HSE/LSE/HSI/MSI/LSI clocks for STM32L062K8 and STM32L062T8 in Table 1: Ultra-low-power STM32L062x8 device features and peripheral counts. Added tWUUSART and tWULPUART in Table 35: Low-power mode wakeup timings. Added reference to AN4899 in Section 6.3.13: I/O port characteristics. Table 79. Document revision history (continued) Date Revision Changes |