| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L062T8 bảng dữ liệu(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L062T8 bảng dữ liệu(HTML) 120 Page - STMicroelectronics |
|
120 / 124 page ![]() Revision history STM32L062x8 120/124 DS10183 Rev 11 05- Sep- 2014 4 Extended operating temperature range to 125 °C. Updated minimum ADC operating voltage to 1.65 V. Replaced USART3 by LPUART1 in Table 15: STM32L062x8 pin definitions, Table 16: Alternate functions for port A, and Table 17: Alternate functions for port B. Updated temperature range in Section 2: Description, Table 1: Ultra-low-power STM32L062x8 device features and peripheral counts. Updated PD, TA and TJ to add range 3 in Table 21: General operating conditions. Added range 3 in Table 45: Flash memory and data EEPROM endurance and retention and Table : . Update note 1 in Table 25: Current consumption in Run mode, code with data processing running from Flash, Table 26: Current consumption in Run mode, code with data processing running from RAM, Table 27: Current consumption in Sleep mode, Table 28: Current consumption in Low-power run mode, Table 29: Current consumption in Low-power sleep mode, Table 30: Typical and maximum current consumptions in Stop mode, Table 31: Typical and maximum current consumptions in Standby mode and Table 35: Low-power mode wakeup timings. Updated Figure 45: Thermal resistance and removed note 1. Updated Figure 12: IDD vs VDD, at TA= 25/55/85/105 °C, Run mode, code running from Flash memory, Range 2, HSI16, 1WS, Figure 13: IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Low-power run mode, code running from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS, Figure 14: IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Stop mode with RTC enabled and running on LSE Low drive. Updated Table 31: Typical and maximum current consumptions in Standby mode. Updated SYSCFG in Table 33: Peripheral current consumption in Run or Sleep mode. Updated Table 34: Peripheral current consumption in Stop and Standby mode and Table 35: Low-power mode wakeup timings. Updated ACCHSI16 temperature conditions in Table 38: 16 MHz HSI16 oscillator characteristics. Changed ambient temperature range in note 1 below Table 39: HSI48 oscillator characteristics. Updated VF(NRST) and VNF(NRST) in Table 54: NRST pin characteristics. Updated Table 55: ADC characteristics and Table 57: ADC accuracy. Added range 3 in Table : . Table 79. Document revision history (continued) Date Revision Changes |