công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLP2016WR47M bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor

tên linh kiện MLP2016WR47M
Giải thích chi tiết về linh kiện  System Power IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MLP2016WR47M bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor

  MLP2016WR47M Datasheet HTML 1Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 2Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 3Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 4Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 5Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 6Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 7Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 8Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
TC7738WBG
2016-11-17
3
5. Pin description
Table 5.1
Pin description
Pin number
Name
I/O
Description
A1
PGND4
―
Ground pin for CH4
A2
PVIN4
―
Power supply pin for CH4
A3
AGND
―
Ground pin for the IC
A4,B4
VOUT
O
Output pin for PROTECTION-SW circuit
A5,B5
VIN
―
Power supply pin for the IC
A6
LOAD-SW_OUT
O
Output pin for LOAD-SW
A7
PVIN5
―
Power supply pin for CH5
A8
PGND5
―
Ground pin for CH5
B1
LX4
O
Switching output pin for CH4
B2
FB4
I
Feedback pin for CH4 output voltage
B3
MODE_SEL
I
IC operation condition setting pin when the voltage to be supplied to VIN pin is 3.3 V or 5.0 V.
This pin is pulled up by resistsance in the IC. In the case of 3.3 V, connect to GND. In the case of 5 V,
open. The setting should not be changed during operation.
B7
FB5
I
Feedback pin for CH5 and input pin of LOAD-SW
B8
LX5
O
Switching output pin for CH5
C1
PVIN2
―
Power supply pin for CH2
C4
LDO2_OUT
/ BYPASS2_OUT
O
Output pin for LDO2
In the BYPASS MODE, VOUT pin voltage is output.
C5
VSEL0
I
Initial values selection pin for the voltage from CH1 to CH6 and LDO1
This pin is pulled down by resistance in the IC.
This pin should be connected to GND or VOUT. The setting should not be changed during operation.
C7,C8
PGND3
―
Ground pin for CH3
D1
LX2
O
Switching output pin for CH2
D2
RESETn
O
Pin of output “L” during power-on-reset , connect to pull-up resistance
D4
SDA
I/O
Data input and output pin for I
2C
D7
SCL
I
Clock input pin for I
2C
D8
LX3
O
Switching output pin for CH3
E1
PGND2
―
Ground pin for CH2
E2
FB2
I
Feedback pin for CH2 output voltage
E7
FB3
I
Feedback pin for CH3 output voltage
E8
PVIN3
―
Power supply pin for CH3
F1,F2
LX1
/ BYPASS1_OUT
O
Switching pin for CH1
In the BYPASS MODE, PVIN1 pin voltage is output.
F3,G3
PVIN1
―
Power supply pin for CH1
F4
FB1
/ MODE_SELECT
I
Feedback pin for CH1, shared with the setting pin of BYPASS MODE
F5
FB6
I
Feedback pin for CH6 output voltage
F6,G6
PVIN6
―
Power supply pin for CH6
F7,F8
LX6
O
Switching output pin for CH6
G1,G2
PGND1
―
Ground pin for CH1
G4
LDO1_OUT
O
Output pin for LDO1
G5
LDO1_IN
―
Power supply pin for LDO1
G7,G8
PGND6
―
Ground pin for CH6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com