công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4565FVT bảng dữ liệu(PDF) 21 Page - Rohm

tên linh kiện LM4565FVT
Giải thích chi tiết về linh kiện  Low Noise Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

LM4565FVT bảng dữ liệu(HTML) 21 Page - Rohm

Back Button LM4565FVT Datasheet HTML 17Page - Rohm LM4565FVT Datasheet HTML 18Page - Rohm LM4565FVT Datasheet HTML 19Page - Rohm LM4565FVT Datasheet HTML 20Page - Rohm LM4565FVT Datasheet HTML 21Page - Rohm LM4565FVT Datasheet HTML 22Page - Rohm LM4565FVT Datasheet HTML 23Page - Rohm LM4565FVT Datasheet HTML 24Page - Rohm LM4565FVT Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200590-1-2
©2012 ROHM Co., Ltd. All rights reserved.
21/24
15.Apr.2014 Rev.003
TSZ22111・15・001
LM4565xxx
Physical Dimension Tape and Reel Information - continued
Package Name
MSOP8
Direction of feed
Reel
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27