| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPMB250-A1 bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPMB250-A1 bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 18 page ![]() SPMB250-A1 Board description Doc ID 15179 Rev 2 7/18 6 Board description 6.1 Power supply connector (J1) When used directly connected to the system to be monitored in terms of vibration / acceleration the only connection needed is the one related to the power source. To have a standard and in the same time miniaturized connection a two pole connector has been chosen (i.e. Molex 53261-0271 or equivalent) Figure 3. J1 connector 6.2 ON / OFF switch (SW2) To power on / off the board a switch has been provided aboard. Figure 4. SW2 switch J1 SW2 Obsolete Product(s) - Obsolete Product(s) |