công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS1845 bảng dữ liệu(PDF) 3 Page - Dallas Semiconductor

tên linh kiện DS1845
Giải thích chi tiết về linh kiện  Dual NV Potentiometer and Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DALLAS [Dallas Semiconductor]
Trang chủ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1845 bảng dữ liệu(HTML) 3 Page - Dallas Semiconductor

  DS1845 Datasheet HTML 1Page - Dallas Semiconductor DS1845 Datasheet HTML 2Page - Dallas Semiconductor DS1845 Datasheet HTML 3Page - Dallas Semiconductor DS1845 Datasheet HTML 4Page - Dallas Semiconductor DS1845 Datasheet HTML 5Page - Dallas Semiconductor DS1845 Datasheet HTML 6Page - Dallas Semiconductor DS1845 Datasheet HTML 7Page - Dallas Semiconductor DS1845 Datasheet HTML 8Page - Dallas Semiconductor DS1845 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS1845
3 of 13
H0, H1 – These are the high-end terminals of the potentiometers. For both potentiometers, it is not
required that these terminals be connected to a potential greater than the low-end terminal of the
potentiometer. Voltage applied to the high end of the potentiometers cannot exceed the power supply
voltage, VCC, or go below ground.
L0, L1 – These are the low-end terminals of the potentiometers. It is not required that these terminals be
connected to a potential less than the high-end terminals of the pot. Voltage applied to the low end of the
potentiometers cannot exceed the power-supply voltage, VCC, or go below ground.
W0, W1 - Wiper of the Potentiometer. This pin is the wiper terminal of the potentiometer. The bytes in
EEPROM memory locations F8h and F9h determine each wiper’s setting. Voltage applied to either
wiper terminal cannot exceed the power-supply voltage, VCC, or go below ground.
MEMORY ORGANIZATION
The DS1845’s serial EEPROM is internally organized with 256 words of 1 byte each. Each word requires
an 8-bit address for random word addressing. The byte at address F9h determines the wiper setting for
potentiometer 0, which contains 100 positions. Writing values above 63h to this address sets the wiper to
its uppermost position. The byte at address F8h determines the wiper setting for potentiometer 1, which
contains 256 positions (00h to FFh). Address locations FAh though FFh are reserved and should not be
written.
DEVICE OPERATION
Clock and Data Transitions: The SDA pin is normally pulled high with an external resistor or device.
Data on the SDA pin may only change during SCL low time periods. Data changes during SCL high
periods will indicate a start or stop conditions depending on the conditions discussed below. Refer to the
timing diagram Fig 2 for further details.
Start Condition: A high-to-low transition of SDA with SCL high is a start condition which must
precede any other command. Refer to the timing diagram Fig 2 for further details.
Stop Condition: A low-to-high transition of SDA with SCL high is a stop condition. After a read
sequence, the stop command places the DS1845 into a low-power mode. Refer to the timing diagram Fig
2 for further details.
Acknowledge: All address and data byte are transmitted via a serial protocol. The DS1845 pulls the
SDA line low during the ninth clock pulse to acknowledge that it has received each word.
Standby Mode: The DS1845 features a low-power mode that is automatically enabled after power-on,
after a stop command, and after the completion of all internal operations.
2-Wire Interface Reset: After any interruption in protocol, power loss, or system reset, the following
steps reset the DS1845.
1. Clock up to nine cycles.
2. Look for SDA high in each cycle while SCL is high.
3.
Create a start condition while SDA is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13