| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM4100APD bảng dữ liệu(PDF) 5 Page - Sames |
|
|
|||||||||||||||||||||||||||||
PM4100APD bảng dữ liệu(HTML) 5 Page - Sames |
|
5 / 14 page ![]() sames sames PM4100APD 5/14 http://www.sames.co.za SA2002H (J6, J13, J15 to be used with Micro-controller) Name J6 J11 J12 J13 J14 J15 J25 State B B B B A A A SA2002E Name J11 J14 J25 State B A A SA2002P Name J4 J5 J6 J7 J8 J9 J10 J11 J12 J15 J22 J25 State B B A B B B B A A A CLOSED A Table 3: Jumper options for SA2002P Table 4: Jumper options for SA2002H Table 5: Jumper options for SA2002E SA2002D Name J7 J8 J9 J10 J11 J12 J13 J17, J18, J19 J20 J23 J25 State A A A A: Setting to A and J20 to + enables the FAST output mode. Leaving J10 and J20 open disables FAST mode and enables standard mode. B B A Rated conditions select (J17 for R0, J18 for R1, J19 for R2). Please refer to the SA2002D datasheet for further information. For Fast mode, any combination except all to +. For different normal mode settings, refer to the SA2002D datasheet. Note: On module + = VDD and - = VSS “+” : FAST mode enabled. “-” or OPEN: Standard mode enabled. Also see J10. “-” A J4 J5 A B Bi-Directional Energy Measurement Uni-Directional Energy Measurement Forward J3 J4 J5 Reverse J3 J4 J5 + A A - A A Table 6: Jumper options for SA2002D |