| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC574S60E3CXXXR bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC574S60E3CXXXR bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 77 page ![]() DS10601 Rev 6 13/77 SPC574Sx Package pinouts and signal descriptions 76 2 Package pinouts and signal descriptions 2.1 Package pinouts The eTQFP100 pinout is provided in the following figure. For pin signal descriptions, please refer to the device reference manual. Figure 2. eTQFP 100-pin configuration 2.2 Pin descriptions The following sections provide signal descriptions and related information about the functionality and configuration of the SPC574Sx devices. For information on the signal descriptions and related information about the functionality and configuration of the SPC574Sx devices, refer to the “Signal description” chapter in the devices’ reference manual. 2.3 Package pads/pins Table 4 shows the cross-mapping between pads and the eTQFP100 pinout. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 FCCU_F0 PA[0] PA[1] PA[2] PA[3] PA[4] PA[5] PA[6] PA[7] PA[8] PA[9] PA[10] PA[11] PA[12] PA[13] PA[14] PA[15] PB[0] VDD_LV VDD_HV_IO_MAIN PB[1] PB[2] PB[3] PB[4] PB[5] PD[8] PD[7] PD[6] PD[5] PD[4] PD[3] PD[2] VDD_LV PD[1] PORST PD[0] TESTMODE TCK PC[15] TDO TMS TDI PC[14] PC[13] PC[12] VDD_HV_OSC XTAL EXTAL VDD_LV VDD_HV_IO eTQFP100 Note: Availability of port pin alternate functions depends on product selection. Top view |