công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC574S60E3BXXXR bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện SPC574S60E3BXXXR
Giải thích chi tiết về linh kiện  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60E3BXXXR bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button SPC574S60E3BXXXR Datasheet HTML 3Page - STMicroelectronics SPC574S60E3BXXXR Datasheet HTML 4Page - STMicroelectronics SPC574S60E3BXXXR Datasheet HTML 5Page - STMicroelectronics SPC574S60E3BXXXR Datasheet HTML 6Page - STMicroelectronics SPC574S60E3BXXXR Datasheet HTML 7Page - STMicroelectronics SPC574S60E3BXXXR Datasheet HTML 8Page - STMicroelectronics SPC574S60E3BXXXR Datasheet HTML 9Page - STMicroelectronics SPC574S60E3BXXXR Datasheet HTML 10Page - STMicroelectronics SPC574S60E3BXXXR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
DS10601 Rev 6
7/77
SPC574Sx
Introduction
76
1.3
Feature overview
On-chip modules within the SPC574Sx include the following features:
Operating parameters
Fully static operation, up to 140 MHz
Up to -40
°C to 150 °C junction temperature operating range
Power management features
HALT mode — core clocks are stopped but the PLL is configurable
STOP mode — all clocks are stopped including the PLLs
Software-controlled clock gating of peripherals
High performance, low cost e200z420 core processor
32-bit CPU core complex (e200z420n3)
Compliant with the Power Architecture® embedded category
Includes an instruction set enhancement allowing variable length encoding (VLE)
for code size footprint reduction. Optional encoding of mixed 16-bit and 32-bit
instructions makes it possible to achieve significant code size footprint reduction.
Advanced and flexible supply scheme
Internal or External regulator mode for 1.2 V supply
3.3 V +/- 5% or 5 V +/- 5%
Up to 2 power rails for GPIOs and 2 power rails for analog/input pins enabling
supply redundancy concept.
The 4 power rails can be supplied in independent way (depending on selected
package and device configuration)
Designed with EMI reduction techniques
Internal phase-locked loop
Frequency modulation of system clock frequency
On-chip regulator
Controlled I/O slew rate
Advanced microcontroller bus architecture (AMBA) crossbar switch (XBAR) providing
concurrent access to peripherals, Flash memory and SRAM
4 master ports: FlexRay, DMA, CPU instruction bus and CPU data bus
5 slave ports: Flash Controller, TCM Back-door (Port to local Data RAM), RAM
controller, PBRIDGE0 and PBRIDGE1
32-bit internal address bus, 32-bit internal data bus
ECC (Error Correction Code) Flash memory with Flash controller
Up to 1.5 MB Code Flash—single module with prefetch buffer and 256-bit data
access port
64 KB Data Flash—single module with prefetch buffer and 256-bit data access
port
Up to 96 KB ECC SRAM with RAM controller (in addition to 32 KB core local data
RAM)
16 KB dedicated OTP Flash for embedded boot code
Boot Assisted Flash (BAF)
Supports internal Flash programming via a serial link (UART and MCAN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com