| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC584G80 bảng dữ liệu(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584G80 bảng dữ liệu(HTML) 120 Page - STMicroelectronics |
|
120 / 139 page ![]() Package information SPC584Gx, SPC58EGx, SPC58NGx 120/139 DS11758 Rev 6 tolerance zone fff in the array is contained entirely in the respective zone eee above. The axis of each ball must lie simultaneously in both tolerance zones. 6. The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or metallized markings, or other feature of package body or integral heatslug. A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1 corner. Exact shape of each corner is optional. |