| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC584G80 bảng dữ liệu(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584G80 bảng dữ liệu(HTML) 72 Page - STMicroelectronics |
|
72 / 139 page ![]() Electrical characteristics SPC584Gx, SPC58EGx, SPC58NGx 72/139 DS11758 Rev 6 VLVD290_IF CC P VDD_HV_IO_FLEX — 2.89 2.94 2.99 V VLVD400_AD CC P VDD_HV_ADV (ADCSD pad) — 4.15 4.23 4.31 V VLVD400_AS CC P VDD_HV_ADV (ADCSAR pad) — 4.15 4.23 4.31 V VLVD400_IM CC P VDD_HV_IO_MAIN — 4.15 4.23 4.31 V VLVD400_IJ CC P VDD_HV_IO_JTAG 4.15 4.23 4.31 V VLVD400_IF CC P VDD_HV_IO_FLEX — 4.15 4.23 4.31 V High Voltage Detectors HV VHVD400_C CC P VDD_HV_IO_MAIN 3.68 3.75 3.82 V VHVD400_IJ CC P VDD_HV_IO_JTAG 3.68 3.75 3.82 V VHVD400_IF CC P VDD_HV_IO_FLEX — 3.68 3.75 3.82 V Upper Voltage Detectors HV VUVD600_C CC P VDD_HV_IO_MAIN 5.72 5.82 5.92 V VUVD600_F CC P VDD_HV_FLA — 5.72 5.82 5.92 V VUVD600_IJ CC P VDD_HV_IO_JTAG — 5.72 5.82 5.92 V VUVD600_IF CC P VDD_HV_IO_FLEX — 5.72 5.82 5.92 V PowerOn Reset LV VPOR031_C CC P VDD_LV — 0.29 0.60 0.97 V Minimum Voltage Detectors LV VMVD082_C CC P VDD_LV — 0.85 0.88 0.91 V VMVD082_B CC P VDD_LV_BD — 0.85 0.88 0.91 V VMVD094_C CC P VDD_LV — 0.98 1.00 1.02 V VMVD094_FA CC P VDD_LV (Flash) — 1.00 1.02 1.04 V VMVD094_FB CC P VDD_LV (Flash) — 1.00 1.02 1.04 V Low Voltage Detectors LV VLVD100_C CC P VDD_LV — 1.06 1.08 1.11 V VLVD100_SB CC P VDD_LV (In Standby) — 0.99 1.01 1.03 V VLVD100_F CC P VDD_LV (Flash) — 1.08 1.10 1.12 V High Voltage Detectors LV VHVD134_C CC P VDD_LV — 1.28 1.31 1.33 V Upper Voltage Detectors LV VUVD140_C CC P VDD_LV — 1.34 1.37 1.39 V VUVD140_F CC P VDD_LV (Flash) — 1.34 1.37 1.39 V Table 39. Voltage monitor electrical characteristics (continued) Symbol C Supply/Parameter(1) Conditions Value(2) Unit Min Typ Max |