| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSOP133..P16TR bảng dữ liệu(PDF) 7 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
TSOP133..P16TR bảng dữ liệu(HTML) 7 Page - Vishay Siliconix |
|
7 / 13 page ![]() TSOP131..P16TR, TSOP133..P16TR, TSOP135..P16TR www.vishay.com Vishay Semiconductors Datasheet Values Refer to PCN-OPT-1225-2022-REV-HS1 Rev. 1.4, 28-Sep-2022 7 Document Number: 82876 THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 SIDE VIEW PIN-IN-PASTE HOLDER: D = 9.0 mm, H = 8.05 mm, W = 6.2 mm, X = 5.15 mm MECHANICAL DIMENSIONS in millimeters 22940 22940 “W” “D” 20248 NAME LENS AXIS (X) VIEW TYPE HEIGHT (H) WIDTH (W) DEPTH (D) P16TR 5.15 Side Holder 8.05 6.2 9.0 Drawing-No.: 6.550-5351.02-4 Issue: 4; 09.12.2020 (3.9) 6.2 3.6 0.65 ± 0.2 5.08 ± 0.2 nom. 0.3 ± 0.1 0 0.85 1.5 3.3 3.8 8.05 ± 0.2 Ø 1.1 (3 x) 5.08 2.54 Proposed pad layout from component side (for reference only) 1 2 3 Marking area (R2.5) (R2.5) 2.54 ± 0.2 nom. 0.9 ± 0.2 3.25 3.25 1.2 1.2 5.1 ± 0.4 2.1 0.6 ± 0.2 (3 x) 0.6 ± 0.1 (3.8) Not indicated tolerances ± 0.2 Technical drawings according to DIN specification 1.7 ± 0.2 |