công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NAND512-B bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện NAND512-B
Giải thích chi tiết về linh kiện  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button NAND512-B Datasheet HTML 5Page - STMicroelectronics NAND512-B Datasheet HTML 6Page - STMicroelectronics NAND512-B Datasheet HTML 7Page - STMicroelectronics NAND512-B Datasheet HTML 8Page - STMicroelectronics NAND512-B Datasheet HTML 9Page - STMicroelectronics NAND512-B Datasheet HTML 10Page - STMicroelectronics NAND512-B Datasheet HTML 11Page - STMicroelectronics NAND512-B Datasheet HTML 12Page - STMicroelectronics NAND512-B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9/59
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
Figure 3. Logic Diagram
Table 3. Signal Names
AI09372b
W
I/O8-I/O15, x16
VDD
NAND Flash
E
VSS
WP
AL
CL
RB
R
I/O0-I/O7, x8/x16
PRL
I/O8-15
Data Input/Outputs for x16 devices
I/O0-7
Data Input/Outputs, Address Inputs,
or Command Inputs for x8 and x16
devices
AL
Address Latch Enable
CL
Command Latch Enable
E
Chip Enable
R
Read Enable
RB
Ready/Busy (open-drain output)
W
Write Enable
WP
Write Protect
PRL
Power-Up Read Enable, Lock/Unlock
Enable
VDD
Supply Voltage
VSS
Ground
NC
Not Connected Internally
DU
Do Not Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59