| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PRNF2CBT10K2 bảng dữ liệu(PDF) 8 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
PRNF2CBT10K2 bảng dữ liệu(HTML) 8 Page - Stackpole Electronics, Inc. |
|
8 / 9 page ![]() Rev Date: 3/3/2022 8 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. RNF / RNMF Series General Purpose Metal Film Resistor Stackpole Electronics, Inc. Resistive Product Solutions RoHS Compliance Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances” (RoHS 2). As part of this ongoing program, we periodically update this document with the status regarding the availability of our compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament. “Conflict Metals” Commitment We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the Eastern Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding Conflict Minerals. Compliance to “REACH” We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List. Environmental Policy It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution. RoHS Compliance Status RNF General Purpose Metal Film Leaded Resistor Axial YES 99.3/0.7 Sn/Cu 100% Matte Sn Apr-05 (Japan) Jan-04 (Taiwan, China) 05/14 04/01 RNMF General Purpose Mini Metal Film Leaded Resistor Axial YES 99.3/0.7 Sn/Cu 100% Matte Sn Apr-05 (Japan) Jan-04 (Taiwan, China) 05/14 04/01 Lead-Free Mfg. Effective Date (Std Product Series) Lead-Free Effective Date Code (YY/WW) Standard Product Series Description Package / Termination Type Standard Series RoHS Compliant Lead-Free Termination Composition Packaging Specifications – Pana-Sert (cont.) Symbol Description 0.039 1.00 0.157 ± 0.008 4.00 ± 0.20 0.028 0.70 0.433 11.00 i Total tape thickness L Length of shipped lead I Lead wire portrait ØD0 Feed hole diamenter max. max. max. max. max. max. PRNF14 |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |