| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS950211YGLF-T bảng dữ liệu(PDF) 6 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS950211YGLF-T bảng dữ liệu(HTML) 6 Page - Integrated Circuit Systems |
|
6 / 21 page ![]() 6 Integrated Circuit Systems, Inc. ICS950211 0465E—05/17/05 Byte 1: Output Control Register (1 = enable, 0 = disable) Byte 3: Output Control Register (1 = enable, 0 = disable) Byte 2: Output Control Register (1 = enable, 0 = disable) Byte 4: Output Control Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B8 31 T O D _ Z H M 8 4 6 t i B9 31 B S U _ z H M 8 4 5 t i B- 1 e l b a s i D = 0 , e l b a n E = 1 t c e t e d t f i h s r a e g t e s e R 4 t i B- 0 ) e l b a T l o r t n o C . q e r F c n y s A e e S ( 0 t i b l o r t n o c . q e r f c n y s A 3 t i B5 30 , K L C _ H C V / 1 _ 6 6 V 3z H M 8 4 = 1 , z H M 6 6 . 6 6 = ) t l u a f e d ( 2 t i B7 1 2 F _ K L C I C P 1 t i B6 1 1 F _ K L C I C P 0 t i B5 1 0 F _ K L C I C P t i B# n i PD W Pn o i t p i r c s e D 7 t i B5 4 , 4 41 2 C / T U P C 6 t i B9 4 , 8 41 1 C / T U P C 5 t i B2 5 , 1 51 0 C / T U P C 4 t i B- X k c a b d a e R 4 S F 3 t i B- X k c a b d a e R 3 S F 2 t i B- X k c a b d a e R 2 S F 1 t i B- X k c a b d a e R 1 S F 0 t i B- X k c a b d a e R 0 S F t i B# n i PD W Pn o i t p i r c s e D 7 t i B- X ) k c a b d a e R ( L E S T L U M 6 t i B8 11 6 _ K L C I C P 5 t i B7 11 5 _ K L C I C P 4 t i B6 11 4 _ K L C I C P 3 t i B3 11 3 _ K L C I C P 2 t i B2 11 2 _ K L C I C P 1 t i B1 11 1 _ K L C I C P 0 t i B0 11 0 _ K L C I C P Notes: 1. PWD = Power on Default 2. For disabled clocks, they stop low for single ended clocks. Differential CPU clocks stop with CPUCLKT at high, CPUCLKC off, and external resistor termination will bring CPUCLKC low. t i B# n i PD W Pn o i t p i r c s e D 7 t i B- 1 ) e l b a T l o r t n o C . q e r F . c n y s A e e S ( 1 t i b l o r t n o c . q e r f . c n y s A 6 t i B- X d e v r e s e R 5 t i B3 31 0 _ 6 6 V 3 4 t i B5 31 K L C _ H C V / 1 _ 6 6 V 3 3 t i B4 21 5 _ 6 6 V 3 2 t i B3 21 4 _ 6 6 V 3 1 t i B2 21 3 _ 6 6 V 3 0 t i B1 21 2 _ 6 6 V 3 |