công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VS1003 bảng dữ liệu(PDF) 39 Page - VLSI Solution Oy

tên linh kiện VS1003
Giải thích chi tiết về linh kiện  VS1003 - MP3/WMA AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VLSI [VLSI Solution Oy]
Trang chủ  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1003 bảng dữ liệu(HTML) 39 Page - VLSI Solution Oy

Back Button VS1003 Datasheet HTML 35Page - VLSI Solution Oy VS1003 Datasheet HTML 36Page - VLSI Solution Oy VS1003 Datasheet HTML 37Page - VLSI Solution Oy VS1003 Datasheet HTML 38Page - VLSI Solution Oy VS1003 Datasheet HTML 39Page - VLSI Solution Oy VS1003 Datasheet HTML 40Page - VLSI Solution Oy VS1003 Datasheet HTML 41Page - VLSI Solution Oy VS1003 Datasheet HTML 42Page - VLSI Solution Oy VS1003 Datasheet HTML 43Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
VS1003
9
OPERATION
Note: if SCI_HDAT1 ≥ 896, it may be better to wait for the buffer to overflow and clear before
reading samples. That way you may avoid buffer aliasing.
Each IMA ADPCM block is 128 words, i.e. 256 bytes. If you wish to interrupt reading data
and possibly continue later, please stop at a 128-word boundary. This way whole blocks are
skipped and the encoded stream stays valid.
9.4.3
Adding a RIFF Header
To make your IMA ADPCM file a RIFF / WAV file, you have to add a header before the actual
data. Note that 2- and 4-byte values are little-endian (lowest byte first) in this format:
File Offset
Field Name
Size
Bytes
Description
0
ChunkID
4
"RIFF"
4
ChunkSize
4
F0 F1 F2 F3
File size - 8
8
Format
4
"WAVE"
12
SubChunk1ID
4
"fmt "
16
SubChunk1Size
4
0x14 0x0 0x0 0x0
20
20
AudioFormat
2
0x11 0x0
0x11 for IMA ADPCM
22
NumOfChannels
2
0x1 0x0
Mono sound
24
SampleRate
4
R0 R1 R2 R3
0x1f40 for 8 kHz
28
ByteRate
4
B0 B1 B2 B3
0xfd7 for 8 kHz
32
BlockAlign
2
0x0 0x1
0x100
34
BitsPerSample
2
0x4 0x0
4-bit ADPCM
36
ByteExtraData
2
0x2 0x0
2
38
ExtraData
2
0xf9 0x1
Samples per block (505)
40
SubChunk2ID
4
"fact"
44
SubChunk2Size
4
0x4 0x0 0x0 0x0
4
48
NumOfSamples
4
S0 S1 S2 S3
52
SubChunk3ID
4
"data"
56
SubChunk3Size
4
D0 D1 D2 D3
Data size (File Size-60)
60
Block1
256
First ADPCM block
316
. . .
More ADPCM data blocks
If we have n audio blocks, the values in the table are as follows:
F = n × 256 + 52
R = Fs (see Chapter 9.4.1 to see how to calculate Fs)
B =
Fs×256
505
S = n × 505
. D = n × 256
If you know beforehand how much you are going to record, you may fill in the complete header
before any actual data. However, if you don’t know how much you are going to record, you have
to fill in the header size datas F , S and D after finishing recording.
The 128 words (256 bytes) of an ADPCM block are read from SCI_HDAT0 and written into file
as follows. The high 8 bits of SCI_HDAT0 should be written as the first byte to a file, then the
low 8 bits. Note that this is contrary to the default operation of some 16-bit microcontrollers,
and you may have to take extra care to do this right.
Version: 1.09, 2018-03-16
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com