| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA4580RFVM bảng dữ liệu(PDF) 30 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA4580RFVM bảng dữ liệu(HTML) 30 Page - Rohm |
|
30 / 43 page ![]() Datasheet www.rohm.com TSZ02201-0RAR1G200030-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 30/40 20.Nov.2014 Rev.003 TSZ22111・15・00 BA4580Rxxx BA4584FV BA4584Rxx Application Examples ○ Voltage Follower ○ Inverting Amplifier ○ Non-inverting Amplifier Figure 74. Voltage Follower Circuit Figure 75. Inverting Amplifier Circuit Figure 76. Non-inverting Amplifier Circuit Voltage gain is 0dB. Using this circuit, the output voltage (OUT) is configured to be equal to the input voltage (IN). This circuit also stabilizes the output voltage (OUT) due to high input impedance and low output impedance. Computation for output voltage (OUT) is shown below. OUT=IN For inverting amplifier, input voltage (IN) is amplified by a voltage gain and depends on the ratio of R1 and R2. The out-of-phase output voltage is shown in the next expression OUT=-(R2/R1)・IN This circuit has input impedance equal to R1. For non-inverting amplifier, input voltage (IN) is amplified by a voltage gain, which depends on the ratio of R1 and R2. The output voltage (OUT) is in-phase with the input voltage (IN) and is shown in the next expression. OUT=(1 + R2/R1)・IN Effectively, this circuit has high input impedance since its input side is the same as that of the operational amplifier. VEE OUT IN VCC R2 R1 VEE R1//R2 IN OUT VCC VEE R2 VCC IN OUT R1 |