| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATTINY22L bảng dữ liệu(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATTINY22L bảng dữ liệu(HTML) 2 Page - ATMEL Corporation |
|
2 / 11 page ![]() 2 ATtiny22L allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers. Block Diagram Figure 1. The ATtiny22L Block Diagram PROGRAM COUNTER INTERNAL OSCILLATOR WATCHDOG TIMER STACK POINTER PROGRAM FLASH MCU CONTROL REGISTER SRAM GENERAL PURPOSE REGISTERS INSTRUCTION REGISTER TIMER/ COUNTER INSTRUCTION DECODER DATA DIR. REG. PORTB DATA REGISTER PORTB PROGRAMMING LOGIC TIMING AND CONTROL INTERRUPT UNIT EEPROM SPI STATUS REGISTER Z Y X ALU PORTB DRIVERS PB0 - PB4 RESET VCC GND CONTROL LINES 8-BIT DATA BUS |