công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMM1331-SM bảng dữ liệu(PDF) 2 Page - Mimix Broadband

tên linh kiện CMM1331-SM
Giải thích chi tiết về linh kiện  12.7 to 13.5 GHz 1.5 Watt Power Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MIMIX [Mimix Broadband]
Trang chủ  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1331-SM bảng dữ liệu(HTML) 2 Page - Mimix Broadband

  CMM1331-SM Datasheet HTML 1Page - Mimix Broadband CMM1331-SM Datasheet HTML 2Page - Mimix Broadband CMM1331-SM Datasheet HTML 3Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM1331-SM
Features
❏ 32.0 dBm (Typ.) Saturated Output Power
❏ 32.0 dB (Typ.) Linear Gain
❏ Fully Matched
❏ Unconditionally Stable
❏ Low-Cost Surface Mount Package
❏ Optimum Thermal Dissipation
Applications
❏ Ku-Band VSAT Transmit Subsystems
Description
The CMM1331-SM is a four-stage pHEMT GaAs
MMIC power amplifier that is ideally suited for transmit
subsystems designed for Ku-Band VSAT applications. The
CMM1331-SM provides 32.0 dB linear gain and delivers
1.5 watts of output power at saturation operating from
12.70 to 13.50 GHz frequency.
The unconditional stability and internal matching
provides for reduction of external components making this
product a simple and low-cost solution. The low-cost, 6mm x
6mm x 1.6mm surface mount package offers the same excel-
lent RF and thermal properties as a typical flange package.
12.70 to 13.50 GHz
1.5 Watt Power Amplifier
Advanced Product Specifications
October 2003
(1 of 2)
Pin Functional Diagram
Parameter
Condition
Min
Typ
Max
Units
Frequency Range
12.70
13.50
GHz
Output Power
@ 1dB compression
30.0
31.0
dBm
Saturated Output Power
Pout at Pin = 5.0 dBm
31.0
32.0
dBm
Output Power Variation
Over operating frequency
1.0
1.5
dBm
Linear Gain
29.0
32.0
35.0
dB
Linear Gain Variation
Over operating frequency
2.0
dB
Third Order Intercept Point
36.0
dBm
Input Reflection Coefficient
-10.0
dB
Output Reflection Coefficient
-7.0
dB
Gate Supply Voltage
Idq = 770 mA
-1.1
-0.9
-0.7
Volt
Drain Current
At Saturation
900
980
mA
Power Added Efficiency
At Saturation
22
26
%
Electrical Characteristics (T = +25°C, Vdd = 7V, Idq = 770mA)
Vdd 1
GROUND 2
RF IN 3
GROUND 4
Vgg 5
10 Vdd
9 GROUND
8 RF OUT
7 GROUND
6 Vgg
Maximum Ratings (TA = -40°C to +75°C) Operation outside these limits can cause permanent damage.
Parameter
Typ
Units
Parameter
Typ
Units
Drain Voltage (+Vdd)
8.5
Volts
RF Input Power (Pin)
7.0
dBm
Gate Voltage (Vgg)
-3.0
Volts
Dissipated Power (Pdiss)
7.2
Watts
Quiescent Current (Idq)
1000
mA
Storage Temperature
-50 to +150
°C
Gate Current (Ig)
5
mA
Operating Backside Temperature
-40 to +75
°C
Parameter
Condition
Min
Typ
Max
Units
Saturated Output Power
Variation from Room Temperature
-0.5
dBm
Linear Gain
Variation from Room Temperature
-2.5
3.5
dB
Stability
Unconditionally stable
Electrical Specifications (TA = -40°C to +75°C)



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com