công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RNF2ABC10R0 bảng dữ liệu(PDF) 3 Page - Stackpole Electronics, Inc.

tên linh kiện RNF2ABC10R0
Giải thích chi tiết về linh kiện  General Purpose Metal Film Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEI [Stackpole Electronics, Inc.]
Trang chủ  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RNF2ABC10R0 bảng dữ liệu(HTML) 3 Page - Stackpole Electronics, Inc.

  RNF2ABC10R0 Datasheet HTML 1Page - Stackpole Electronics, Inc. RNF2ABC10R0 Datasheet HTML 2Page - Stackpole Electronics, Inc. RNF2ABC10R0 Datasheet HTML 3Page - Stackpole Electronics, Inc. RNF2ABC10R0 Datasheet HTML 4Page - Stackpole Electronics, Inc. RNF2ABC10R0 Datasheet HTML 5Page - Stackpole Electronics, Inc. RNF2ABC10R0 Datasheet HTML 6Page - Stackpole Electronics, Inc. RNF2ABC10R0 Datasheet HTML 7Page - Stackpole Electronics, Inc. RNF2ABC10R0 Datasheet HTML 8Page - Stackpole Electronics, Inc. RNF2ABC10R0 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev Date: 3/3/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNF / RNMF Series
General Purpose Metal Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Repetitive Pulse Information:
If repetitive pulses are applied to resistors, pulse wave form must be less than “pulse limiting voltage”, “pulse limiting
current” or “pulse limiting wattage” calculated by the formula below.
Where: Vp:
Pulse limiting voltage (V)
lp:
Pulse limiting current (A)
Pp:
Pulse limiting wattage (W)
P:
Power rating (W)
R:
Nominal resistance (ohm)
T:
Repetitive period (sec)
t:
Pulse duration (sec)
K:
RNF / RNMF Coefficient: 0.7
[Vr:
Rated Voltage (V), Ir: Rated Current (A)]
Note 1:
If T > 10 → T = 10 (sec), T / t > 1000 → T / t = 1000
Note 2:
If T > 10 and T / t > 1000, “Pulse Limiting power (Single pulse) is applied
Note 3:
If Vp < Vr (lp < lr or Pp < P), Vr (lr, P) is Vp (lp, Pp)
Note 4:
Pulse limiting voltage (current, wattage) is applied at less than rated ambient temperature.
If ambient temperature is more than the rated temperature (70 °C), decrease power rating according to
“Power Derating Curve”
Note 5:
Assure sufficient margin for
use period and conditions for “pulse limiting voltage”
Note 6:
If the pulse waveform is not square wave, judge after transform the waveform into square
wave according to the “Waveform Transformation to Square Wave”.
Vp =
K√P x R x T/t
lp =
K√P/R x T/t
Pp = K
2 x P x T/t



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com