công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32K311NHT0MPAST bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện S32K311NHT0MPAST
Giải thích chi tiết về linh kiện  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 2Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 3Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 4Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 5Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 6Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 7Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 8Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 9Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 137 page
background image
Xbar (64 bit)
Fabric
1 MB Pflash with ECC
Memory
3 x FlexCAN
all ch support CAN FD
4 x LPUART (LIN)
Network
16 ch FlexIO
Emulating
UART, I2C, SPI
I2S, SENT, PWM
Communication
64 kB Dflash with ECC
128 kB RAM with ECC
Include 96 kB TCM
FXOSC (8-40 MHz)
Memory
OTA ready -
RWW, A/B swap
•
CPU Platform
Single Arm M7
core
Optimized for Real-
time with zero wait
I/D-TCM
•
•
Motor Control
On-chip motor
control subsystem
Offloading CPU
•
•
Future Proof Security/OTA
ISO26262 Compliant Safety System
Scalable Arm platform
Optimized for LOW power
Rich Network/Communication Interface
•
•
•
•
•
Safety
HW redundancy
MBIST/LBIST/Self Test
Clock/Voltage monitor
Centralized error
detection
ASIL B compliant
•
•
•
•
•
Security
HW accl for AES 256,
RSA 4096, ECC 521
Firmware included,
upgradable
Side-channel physical
protection
Meet Evita Full
function goal
•
•
•
•
Network/
Communication
CAN/CAN FD, LIN
Flexible IO emulation
•
•
System
FIRC (48 MHz)
CPU Platform
Cortex-M7
120 MHz
FPU, DSP
I-cache
D-cache
Single Core
SIRC (32 KHz)
PLL
12ch DMA
32ch ext. INT/WKUP
4 x LPSPI
2 x LPI2C
Analog/Timers
BCTU (Body Control Trigger Unit)
2 x 24 ch 12 bit ADC
LCU (Logic Control Unit)
2 x 24 ch 16 bit eMIOS Timer
1 x LPCMP
32 bit RTC
Functional Safety
CMU
FCCU
MPU
SWT
EIM/ERM
STCU2
CRC
Security: HSE-B
Cortex-M0+
RAM
XRDC
Access control
Lifecycle
Management
Asymmetric Hardware Accelerators
Symmetric Hardware Accelerators
TRNG/PRNG
Debug/Trace (SWD/JTAG/ETB)
Figure 2. S32K311: ASIL B Single Core 1MB General Purpose MCU
Xbar (64 bit)
Fabric
2 MB Pflash with ECC
Memory
6 x FlexCAN
all ch support CAN FD
8 x LPUART (LIN)
Network
32 ch FlexIO
Emulating
UART, I2C, SPI
I2S, SENT, PWM
Communication
128 kB Dflash with ECC
192 kB RAM with ECC
Include 96 kB TCM
FXOSC (8-40 MHz)
Memory
OTA ready -
RWW, A/B swap
•
CPU Platform
Single Arm M7
core
Optimized for Real-
time with zero wait
I/D-TCM
•
•
Motor Control
On-chip motor
control subsystem
Offloading CPU
•
•
Future Proof Security/OTA
ISO26262 Compliant Safety System
Scalable Arm platform
Optimized for LOW power
Rich Network/Communication Interface
•
•
•
•
•
Safety
HW redundancy
MBIST/LBIST/Self Test
Clock/Voltage monitor
Centralized error
detection
ASIL B compliant
•
•
•
•
•
Security
HW accl for AES 256,
RSA 4096, ECC 521
Firmware included,
upgradable
Side-channel physical
protection
Meet Evita Full
function goal
•
•
•
•
Network/
Communication
CAN/CAN FD, LIN
Flexible IO emulation
•
•
System
FIRC (48 MHz)
CPU Platform
Cortex-M7
120 MHz
FPU, DSP
I-cache
D-cache
Single Core
SIRC (32 kHz)
SXOSC (32 kHz)
PLL
32ch DMA
32ch ext. INT/WKUP
4 x LPSPI
2 x LPI2C
Analog/Timers
BCTU (Body Control Trigger Unit)
2 x 24 ch 12 bit ADC
LCU (Logic Control Unit)
2 x 24 ch 16 bit eMIOS Timer
2 x LPCMP
Functional Safety
CMU
FCCU
MPU
SWT
EIM/ERM
STCU2
CRC
Security: HSE-B
Cortex-M0+
RAM
XRDC
Access control
Lifecycle
Management
Asymmetric Hardware Accelerators
Symmetric Hardware Accelerators
TRNG/PRNG
Debug/Trace (SWD/JTAG/ETB)
Figure 3. S32K312: ASIL B Single Core 2MB General Purpose MCU
NXP Semiconductors
Block diagram
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
6 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com