công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RVC0402 bảng dữ liệu(PDF) 6 Page - Stackpole Electronics, Inc.

tên linh kiện RVC0402
Giải thích chi tiết về linh kiện  Medium Voltage Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEI [Stackpole Electronics, Inc.]
Trang chủ  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RVC0402 bảng dữ liệu(HTML) 6 Page - Stackpole Electronics, Inc.

  RVC0402 Datasheet HTML 1Page - Stackpole Electronics, Inc. RVC0402 Datasheet HTML 2Page - Stackpole Electronics, Inc. RVC0402 Datasheet HTML 3Page - Stackpole Electronics, Inc. RVC0402 Datasheet HTML 4Page - Stackpole Electronics, Inc. RVC0402 Datasheet HTML 5Page - Stackpole Electronics, Inc. RVC0402 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev Date: 01/23/2019
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RVC Series
Medium Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
13
R
V
C
0
8
0
5
J
T
1
0
M
0
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive
1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
Resistance Value
RVC Medium Voltage
Code
W
Code Tol
Value
Code
Description
Size
Quantity
0402
0.063
F
1%
E96, E24
0402
10000
0603
0.1
J
5%
E24
0603, 0805, 1206
5000
0805
0.125
7" Reel - Plastic Tape
2010, 2512
4000
10 ohm = 10R0
1206
0.25
10 Kohm = 10K0
2010
0.5
1 Mohm = 1M00
2512
1
100 Mohm = 100M
Size
Four characters with the
multiplier used as the
decimal holder.
Packaging
Product Series
Tolerance
T
7" Reel - Paper Tape



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com