công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSBS75XCLP2 bảng dữ liệu(PDF) 7 Page - Anderson Power Products, Inc.

tên linh kiện PSBS75XCLP2
Giải thích chi tiết về linh kiện  SBS® Connectors Up to 110 amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APP [Anderson Power Products, Inc.]
Trang chủ  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PSBS75XCLP2 bảng dữ liệu(HTML) 7 Page - Anderson Power Products, Inc.

Back Button PSBS75XCLP2 Datasheet HTML 3Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 4Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 5Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 6Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 7Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 8Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 9Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 10Page - Anderson Power Products, Inc. PSBS75XCLP2 Datasheet HTML 11Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
- 73 -
All Data Subject To Change Without Notice
www.andersonpower.com
MECHANICAL
Wire Size Range
AWG
mm²
Power Contacts (with bushings)
16 to 6
1.3 to 13.3
Auxiliary Contacts
24 to 12
0.25 to 3.3
Max. Wire Insulation Diameter
in.
mm
SBS® 75G Power & Ground
0.380
9.652
SBS® 50 & SBS® 75X Power Contacts
0.410
10.414
SBS® 75X Auxiliary Contacts
0.140
3.600
Operating Temperature ²
°F
°C
Standard
-4° to 221°
-20° to 105°
Chemical Resistant
-40 to 221°
-40° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Tin (Sn)
Gold (Au)
Power & Ground Contacts Wire
10,000
Power & Ground Contacts PCB
1,500
Auxiliary Contacts
10,000
Avg. Mating / Unmating Force
Lbf.
N
SBS® 75X and SBS® 75G Wire-to-Wire
16
70
SBS® 50 Wire-to-Wire
8
36
SBS® 75X and SBS® 75G Wire-to-PCB
8
36
Min. Contact / Spring Retention Force
Lbf.
N
Power, Standard Housing
50
222
Power, Chemical Resistant Housing
30
133
Auxiliary Standard Housing
15
67
Auxiliary Chemical Resistant Housing
10
44
PCB Specifications
Mounting Style
Plated Through Hole
Max PCB Thickness - in. (mm)
0.093 (2.4)
Recommended Traces Power & Ground
6 AWG Cross Section
Recommended Traces Auxiliary
12 AWG Cross Section
Min. Creepage / Clearance Distance PCB
in.
mm
Power to Auxiliary Creepage SBS® 75X
0.41
10.4
Power to Auxiliary Clearance SBS® 75X
0.24
6.1
Power to Ground Creepage SBS® 75G
0.35
8.9
Power to Ground Clearance SBS® 75G
0.26
6.7
Auxiliary Creepage SBS® 75X
0.12
3.0
Auxiliary Clearance SBS® 75X
0.12
3.0
• Auxiliary contacts are available for SBS® 75X only.
• SBS® 75X and SBS® 75G PCB connectors are designed to mate only with the wire connector of the same series.
NOTE 1: See IEC 60664-1 for working voltage.
NOTE 2: Amp ratings are stated per position and based on all positions being fully loaded.
1 - Based on: 105°C rated or better cable of the largest size. Properly calibrated APP® recommended tooling, and a 25°C ambient temperature.
UL rating not to exceed the maximum operating temperature. CSA rating below a 30°C temperature rise. EN1175-1 : 1998 + A1 is tested solely to annex A.
To be installed according to the manufacturers instructions.
2 - Limited by the thermal properties of the connector plastic housing.
3 - Use APP® recommended tooling only. Alternate tools may adversely affect the performance of our connectors along with UL and CSA recognition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com