công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

262G2-LPBK bảng dữ liệu(PDF) 1 Page - Anderson Power Products, Inc.

tên linh kiện 262G2-LPBK
Giải thích chi tiết về linh kiện  PP15/45 series are the smallest Powerpole® housings.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APP [Anderson Power Products, Inc.]
Trang chủ  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

262G2-LPBK bảng dữ liệu(HTML) 1 Page - Anderson Power Products, Inc.

  262G2-LPBK Datasheet HTML 1Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 2Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 3Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 4Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 5Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 6Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 7Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 8Page - Anderson Power Products, Inc. 262G2-LPBK Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
- 30 -
All Data Subject To Change Without Notice
www.andersonpower.com
PP15/45 series are the smallest Powerpole® housings. They can
be used for wire-to-wire or wire-to-board applications. Wire sizes
from 20 to 10 AWG (0.75 to 6 mm²) offer power capabilities up to
55 amps per pole. Finger proof housings and the ability to
incorporate first-mate last-break ground connectors enhance
the capabilities of this Powerpole® series.
• High Power Density
Up to 55 amps in a compact footprint
• Wire-to-Wire & Wire-to-Board Configurations
Wire & PCB contacts can be used in the same housings
• Finger Proof Housings Available
Protects against accidental contact with live circuits
Powerpole® Connectors
PP15/45 - Up to 55 Amps
Finger Proof, Standard & Ground Housing Dimensions
Front View
Mated Length
[ 24.6 ]
0.97
[ 41.2 ]
1.62
[ 8.4 ]
0.33
[ 7.9 ]
0.31
[ 7.9 ]
0.31
Finger Proof
Rib Feature
Standard Housing
Premate Ground
Open Front
PP15/45 ORDERING INFORMATION
PP15/45 Finger Proof Housings
Improved on the original APP® design by adding ribs to mating interface to
protect against accidental contact with live circuits. Meets the requirements
of UL1977 section 10.2 and is rated IP20. Will not mate with standard housings.
Description
Part Numbers
Minimum Quantity 2,500
200
Red
1327FP-BK
1327FP
Green
1327G5FP-BK
1327G5FP
Black
1327G6FP-BK
1327G6FP
White
1327G7FP-BK
1327G7FP
Blue
1327G8FP-BK
1327G8FP
Yellow
1327G16FP-BK
1327G16FP
PP15/45 Standard Housings
This original housing design has an open interface and is available
in a wide array of colors. Will not mate with finger proof housings.
Description
Part Numbers
Minimum Quantity
2,500
200
Red
1327-BK
1327
Green
1327G5-BK
1327G5
Black
1327G6-BK
1327G6
White
1327G7-BK
1327G7
Blue
1327G8-BK
1327G8
Yellow
1327G16-BK
1327G16
Orange
1327G17-BK
1327G17
Gray
1327G18-BK
1327G18
Brown
1327G21-BK
1327G21
Pink
1327G22-BK
1327G22
Purple
1327G23-BK
1327G23
45A Premate Ground Housings - for use with ground contacts only
Will mate with standard Powerpole® housings.
Description
Part Numbers
Minimum Quantity
2,500
200
Green
1827G1-BK
1827G1


Số phần tương tự - 262G2-LPBK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Anderson Power Products...
262G2 APP-262G2 Datasheet
1Mb / 11P
Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
REV C4.3
More results

Mô tả tương tự - 262G2-LPBK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
SMLP3 ROHM-SMLP3_11 Datasheet
1Mb / 4P
The smallest 3 color type LED in the world
logo
Weidmuller
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
Electronics housings, CH20M black, Hood, Width: 45 mm
logo
List of Unclassifed Man...
110G19 ETC2-110G19 Datasheet
18Mb / 108P
POWERPOLE&MULTIPOLE
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
Ohmite Mfg. Co.
RES-2010SMD OHMITE-RES-2010SMD Datasheet
304Kb / 2P
Smallest wirewound on the market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
logo
Lapp.
61803850 LAPP-61803850 Datasheet
110Kb / 2P
SILVYN® COMPACT 45° M
13.03.2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com