| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BXEM-40G0130-R-30D bảng dữ liệu(PDF) 6 Page - Bridgelux, Inc. |
|
|
|||||||||||||||||||||||||||||
BXEM-40G0130-R-30D bảng dữ liệu(HTML) 6 Page - Bridgelux, Inc. |
|
6 / 27 page ![]() Product Selection Guide Notes for Table 2: 1. The last 10 characters (including hyphens ‘-’) refer to nominal flux, nominal forward voltage, and color bins, respectively. “0000-0-000” denotes the full distribution of flux, forward voltage, and 7 SDCM color. Example: BXEM-30E0000-0-000 refers to the full distribution of flux, forward voltage, and color within a 3000K 7-step ANSI standard chromaticity region with a minimum of 80CRI. 2. Product CCT is hot targeted at T sp = 85°C. Nominal CCT as defined by ANSI C78.377-2011. 3. Listed CRIs are minimum values and include test tolerance. 4. Bridgelux maintains a ±7.5% tolerance on luminous flux measurements, ±0.1V tolerance on forward voltage measurements, and ±2 tolerance on CRI measurements for the SMD 3030. 5. Refer to Table 6 and Table 7 for Bridgelux SMD 3030 Luminous Flux Binning and Forward Voltage Binning information. 6. Typical stabilized DC performance values are provided as reference only and are not a guarantee of performance. 7. Typical performance is estimated based on operation under DC (direct current) with LED emitter mounted onto a heat sink with thermal interface material and the solder point temperature maintained at 85°C. Based on Bridgelux test setup, values may vary depending on the thermal design of the luminaire and/or the exposed environment to which the product is subjected. 8. Minimum flux values at elevated temperatures are provided for reference only and are not guaranteed by 100% production testing. Table 2: Selection Guide, Stabilized DC Performance (T sp = 85°C) 6,7 4 Part Number1,5 Nominal CCT2 (K) CRI3, 4 Nominal Drive Current (mA) Forward Voltage4 (V) Minimum DC Flux (lm)4, 8 Typical DC Flux (lm)4 Typical Power (W) Typical Efficacy (lm/W) Min Typical Max BXEM-27C0000-0-000 2700 70 150 5.6 6.0 6.4 91 102 0.9 113 BXEM-27E0000-0-000 2700 80 150 5.6 6.0 6.4 85 99 0.9 111 BXEM-27G0000-0-000 2700 90 150 5.6 6.0 6.4 68 83 0.9 93 BXEM-30C0000-0-000 3000 70 150 5.6 6.0 6.4 91 105 0.9 116 BXEM-30E0000-0-000 3000 80 150 5.6 6.0 6.4 94 105 0.9 116 BXEM-30G0000-0-000 3000 90 150 5.6 6.0 6.4 77 88 0.9 97 BXEM-35C0000-0-000 3500 70 150 5.6 6.0 6.4 92 108 0.9 120 BXEM-35E0000-0-000 3500 80 150 5.6 6.0 6.4 92 105 0.9 117 BXEM-35G0000-0-000 3500 90 150 5.6 6.0 6.4 77 90 0.9 100 BXEM-40C0000-0-000 4000 70 150 5.6 6.0 6.4 101 112 0.9 124 BXEM-40E0000-0-000 4000 80 150 5.6 6.0 6.4 92 107 0.9 119 BXEM-40G0000-0-000 4000 90 150 5.6 6.0 6.4 77 93 0.9 103 BXEM-50C0000-0-000 5000 70 150 5.6 6.0 6.4 102 113 0.9 126 BXEM-50E0000-0-000 5000 80 150 5.6 6.0 6.4 92 107 0.9 119 BXEM-50G0000-0-000 5000 90 150 5.6 6.0 6.4 77 92 0.9 102 BXEM-57C0000-0-000 5700 70 150 5.6 6.0 6.4 102 113 0.9 126 BXEM-57E0000-0-000 5700 80 150 5.6 6.0 6.4 92 107 0.9 119 BXEM-57G0000-0-000 5700 90 150 5.6 6.0 6.4 77 92 0.9 102 BXEM-65C0000-0-000 6500 70 150 5.6 6.0 6.4 102 113 0.9 126 BXEM-65E0000-0-000 6500 80 150 5.6 6.0 6.4 91 105 0.9 116 BXEM-65G0000-0-000 6500 90 150 5.6 6.0 6.4 77 92 0.9 102 |