công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BXEM-40C0130-R-30D bảng dữ liệu(PDF) 26 Page - Bridgelux, Inc.

tên linh kiện BXEM-40C0130-R-30D
Giải thích chi tiết về linh kiện  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BRIDGELUX [Bridgelux, Inc.]
Trang chủ  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-40C0130-R-30D bảng dữ liệu(HTML) 26 Page - Bridgelux, Inc.

Back Button BXEM-40C0130-R-30D Datasheet HTML 19Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 20Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 21Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 22Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 23Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 24Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 25Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 26Page - Bridgelux, Inc. BXEM-40C0130-R-30D Datasheet HTML 27Page - Bridgelux, Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Design Resources
Disclaimers
Precautions
Optical Source Models
Optical source models and ray set files are available
for all Bridgelux products. For a list of available formats,
visit www.bridgelux.com.
Please contact your Bridgelux sales representative for
assistance.
MINOR PRODUCT CHANGE POLICY
The rigorous qualification testing on products offered by
Bridgelux provides performance assurance. Slight cosmetic
changes that do not affect form, fit, or function may occur as
Bridgelux continues product optimization.
CAUTION: CHEMICAL EXPOSURE HAZARD
Exposure to some chemicals commonly used in
luminaire manufacturing and assembly can cause
damage to the LED emitter. Please consult Bridgelux
Application Note AN51 for additional information.
CAUTION: EYE SAFETY
Eye safety classification for the use of Bridgelux SMD
LED emitter is in accordance with IEC
specification EN62471: Photobiological Safety of Lamps
and Lamp Systems. SMD LED emitters are classified
as Risk Group Exempt when operated at or below
the maximum drive current. Please use appropriate
precautions. It is important that employees working
with LEDs are trained to use them safely.
CAUTION: RISK OF BURN
Do not touch the SMD LED emitter during operation.
Allow the array to cool for a sufficient period of time be-
fore handling. The SMD LED emitter may reach elevated
temperatures such that could burn skin when touched.
24
CAUTION
CONTACT WITH LIGHT EMITTING SURFACE (LES)
Avoid any contact with the LES. Do not touch the
LES of the emitter or apply stress to the LES
(yellow phosphor resin area). Contact may cause
damage to the emitter
Optics and reflectors must not be mounted in contact
with the LES (yellow phosphor resin area).
STANDARD TEST CONDITIONS
Unless otherwise stated, LED emitter testing is
performed at the nominal drive current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27