công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IR3088MTR bảng dữ liệu(PDF) 1 Page - International Rectifier

tên linh kiện IR3088MTR
Giải thích chi tiết về linh kiện  XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IR3088MTR bảng dữ liệu(HTML) 1 Page - International Rectifier

  IR3088MTR Datasheet HTML 1Page - International Rectifier IR3088MTR Datasheet HTML 2Page - International Rectifier IR3088MTR Datasheet HTML 3Page - International Rectifier IR3088MTR Datasheet HTML 4Page - International Rectifier IR3088MTR Datasheet HTML 5Page - International Rectifier IR3088MTR Datasheet HTML 6Page - International Rectifier IR3088MTR Datasheet HTML 7Page - International Rectifier IR3088MTR Datasheet HTML 8Page - International Rectifier IR3088MTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
NOT RECOMMENDED FOR NEW
Data Sheet No. PD94712
IR3088
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
DESCRIPTION
The IR3088 Phase IC combined with an IR XPhase
TM Control IC provides a full featured and flexible way to
implement power solutions for the latest high performance CPUs and ASICs. The “Control” IC provides
overall system control and interfaces with any number of “Phase” ICs which each drive and monitor a single
phase of a multiphase converter. The XPhase
TM architecture results in a power supply that is smaller, less
expensive, and easier to design while providing higher efficiency than conventional approaches.
The IR3088 is intended for the following application conditions:
•
Excessive impedance between converter and load
•
Output voltage exceeding the control IC reference/VID voltage
FEATURES
•
2.5A Average Gate Drive Current
•
Loss-Less Inductor Current Sense
•
Internal Inductor DCR Temperature Compensation
•
Programmable Phase Delay
•
Programmable Feed-Forward Voltage Mode PWM Ramp
•
Sub 100ns Minimum Pulse Width supports 1MHz per-phase operation
•
Current Sense Amplifier drives a single wire Average Current Share Bus
•
Current Share Amplifier reduces PWM Ramp slope to ensure sharing between phases
•
Body Braking
TM disables Synchronous MOSFET for improved transient response and prevents negative
output voltage at converter turn-off
•
Phase Fault Detection
•
Programmable Phase Over-Temperature Detection
•
Control FET driver’s 25V input voltage capability simplifies boot-strap supply design
•
Small thermally enhanced 20L MLPQ package
PACKAGE PINOUT
VCCL
11
ISHARE
5
GATEL
12
PGND
13
VRHOT
4
HOTSET
3
VCCH
15
GATEH
14
RMPIN-
2
RMPIN+
1
IR3088
PHASE
IC
Page 1 of
34
9/30/04
DESIGNS. REPLACE WITH IR3088A


Số phần tương tự - IR3088MTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IR3088A IRF-IR3088A Datasheet
1Mb / 34P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088AM IRF-IR3088AM Datasheet
1Mb / 34P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088AM IRF-IR3088AM Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088AMTR IRF-IR3088AMTR Datasheet
1Mb / 34P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
More results

Mô tả tương tự - IR3088MTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IR3080 IRF-IR3080 Datasheet
395Kb / 21P
XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3088A IRF-IR3088A Datasheet
1Mb / 34P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086 IRF-IR3086 Datasheet
417Kb / 15P
PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3086A IRF-IR3086A Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3087PBF IRF-IR3087PBF Datasheet
1Mb / 35P
XPHASETM PHASE IC WITH OPTI-PHASETM, OVP, AND OVERTEMP DETECT
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088APBF IRF-IR3088APBF Datasheet
558Kb / 34P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com