| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ORG4572-R01-UAR bảng dữ liệu(PDF) 34 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ORG4572-R01-UAR bảng dữ liệu(HTML) 34 Page - List of Unclassifed Manufacturers |
|
34 / 40 page ![]() Page 34 of 40 Multi Spider - ORG4572 Datasheet Revision 3.0 November 23, 2014 22. FIRMWARE Power On State Hibernate Default Interface¹ SPI SPI Data Format NMEA UART Settings 4,800bps. UART Data Format NMEA I²C Settings Multi-Master 400kbps I²C Data Format NMEA Satellite Constellation GPS + GLONASS NMEA Messages $GPGGA @1 sec. $GNGNS @ 1 sec. $GNGSA @ 1 sec. $GPGSV @ 5 sec. $GLGSV @ 5 sec. $GNRMC @ 1 sec. Firmware Defaults SBAS OFF ABP™ OFF Static Navigation ON Track Smoothing OFF Jammer Detector ON Jammer Remover OFF Fast Time Sync OFF Pseudo DR Mode ON Power Saving Mode OFF 3SV Solution Mode ON MEMS Gateway OFF Data Logger OFF 5Hz Update Rate OFF TABLE 14 – DEFAULT FIRMWARE SETTINGS Note: 1. Without external resistors or straps on CTS ̅̅̅̅̅ or RTS ̅̅̅̅̅. 22.1. FIRMWARE UPDATES Firmware updates can be considered exclusively as patches on top of baseline ROM firmware. Those patch updates may be provided from time to time to address ROM firmware issues as a method of performance improvement. Typical patch file size is 24KB. Host controller is initiating load and application of patch update by communicating module’s Patch Manager software block allocating 16KB of memory space for patch and additional 8KB for cache. Patch updates are preserved until BBRAM is discarded. |