| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ORG4572-R01-TR2 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ORG4572-R01-TR2 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 40 page ![]() Page 7 of 40 Multi Spider - ORG4572 Datasheet Revision 3.0 November 23, 2014 GAGAN GPS Aided Geo-Augmented Navigation GLONASS GLObal NAvigation Satellite System GNSS Global Navigation Satellite System GPIO General Purpose Input or Output GPS Global Positioning System HBM Human Body Model HDOP Horizontal Dilution Of Precision I 2C Inter-Integrated Circuit I/O Input or Output IC Integrated Circuit ICD Interface Control Document IF Intermediate Frequency ISO International Organization for Standardization JEDEC Joint Electron Device Engineering Council KA Keep Alive KF Kalman Filter LDO Low Dropout regulator LGA Land Grid Array LNA Low Noise Amplifier LP Low Power LS Least Squares LSB Least Significant Bit MID Message Identifier MPM™ Micro Power Mode MSAS Multi-functional Satellite Augmentation System MSB Most Significant Bit MSL Moisture Sensitivity Level NFZ™ Noise-Free Zones System NMEA National Marine Electronics Association NVM Non-Volatile Memory OSP® One Socket Protocol PCB Printed Circuit Board PLL Phase Lock Loop PMU Power Management Unit POR Power-On Reset PPS Pulse Per Second PRN Pseudo-Random Noise PSRR Power Supply Rejection Ratio PTF™ Push-To-Fix QZSS Quasi-Zenith Satellite System RAM Random Access Memory REACH Registration, Evaluation, Authorisation and Restriction of Chemical substances RF Radio Frequency RHCP Right-Hand Circular Polarized RMS Root Mean Square RoHS Restriction of Hazardous Substances directive ROM Read-Only Memory RTC Real-Time Clock RTS Ready-To-Send SAW Surface Acoustic Wave SBAS Satellite-Based Augmentation Systems SGEE™ Server Generated Extended Ephemeris SID Sub-Identifier |