| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EASY512-AC-R bảng dữ liệu(PDF) 15 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EASY512-AC-R bảng dữ liệu(HTML) 15 Page - Eaton All Rights Reserved. |
|
15 / 23 page ![]() Volume 7—Motor Controls, Logic and Connectivity CA08100008E—August 2011 www.eaton.com V7-T40-33 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40.3 Control Relays and Timers EASY Intelligent Relays EASY/MFD Communication Modules Contents Description Page EASY500/700/800 Intelligent Relays . . . . . . . . . . . V7-T40-20 EASY/MFD Expansion Modules . . . . . . . . . . . . . . V7-T40-25 MFD Intelligent Relays . . . . . . . . . . . . . . . . . . . . . V7-T40-28 EASY/MFD Communication Modules Technical Data and Specifications . . . . . . . . . . V7-T40-34 Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . V7-T40-35 EASY/MFD Power Supplies, Accessories and Software . . . . . . . . . . . . . . . . . . . . . . . . . . . . V7-T40-36 EASY/MFD Communication Modules Product Description Five modules are available for easily connecting to world- standard networks. The communication modules can be used with the EASY700/ 800 and MFD intelligent relays. Available communication modules support: ● PROFIBUS-DP ● AS-I (Actuator Sensor Interface) networks ● CANopen ● DeviceNet ● Ethernet (also compatible with EASY500) All modules act as a gateway and operate exclusively as a slave station on the network. Product Selection EASY Communication Interface Modules Description Catalog Number PROFIBUS-DP slave interface module EASY204-DP AS-Interface slave with 4 in and 4 out interface module EASY205-ASI CANopen interface module EASY221-CO DeviceNet slave interface module EASY222-DN Ethernet Gateway EASY209-SE EASY204-DP Communication Module |