công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASFN14372 bảng dữ liệu(PDF) 13 Page - Panasonic Semiconductor

tên linh kiện ASFN14372
Giải thích chi tiết về linh kiện  Fan Motor Selector Chart
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN14372 bảng dữ liệu(HTML) 13 Page - Panasonic Semiconductor

Back Button ASFN14372 Datasheet HTML 9Page - Panasonic Semiconductor ASFN14372 Datasheet HTML 10Page - Panasonic Semiconductor ASFN14372 Datasheet HTML 11Page - Panasonic Semiconductor ASFN14372 Datasheet HTML 12Page - Panasonic Semiconductor ASFN14372 Datasheet HTML 13Page - Panasonic Semiconductor ASFN14372 Datasheet HTML 14Page - Panasonic Semiconductor ASFN14372 Datasheet HTML 15Page - Panasonic Semiconductor ASFN14372 Datasheet HTML 16Page - Panasonic Semiconductor ASFN14372 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
For DC Fan Motor
For AC Fan Motor
Mounting Hole Dimensions
1. 30 sq. Series
Discharge side/Suction side
2. 40 sq. Series
Discharge side/Suction side
3. 60 sq. Series
Discharge side/Suction side
4-.126 dia.
4-3.2 dia.
28.0
24.0
1.102
.945
28.0
1.102
24.0
.945
4-.138 dia.
4-3.5 dia.
38.6
32.0
1.520
1.260
38.6
1.520
32.0
1.260
4-.169 dia.
4-4.3 dia.
50.0
58.0
1.969
2.283
58.0
2.283
50.0
1.969
65.0
dia.
2.559
dia.
4. 80 sq. Series
Discharge side/Suction side
5. 92 sq. Series
Discharge side/Suction side
6. 120 sq. Series
Discharge side/Suction side
77.6
71.5
3.055
2.815
77.6
3.055
71.5
2.815
85
dia.
3.346
dia.
4-4.3 dia.
4-.169 dia.
89.4
82.5
3.520
3.248
89.4
3.520
82.5
3.248
106.4
dia.
4.189
dia.
4-4.3 dia.
4-.169 dia.
115.0
105.0
4.528
4.134
126.0
dia.
4.961
dia.
4-.169 dia.
4-4.3 dia.
105.0
4.134
115.0
4.528
1. 60 sq. Series
Discharge side/Suction side
2. 80 sq. Series
Discharge side/Suction side
3. 92 sq. Series
Discharge side/Suction side
58.5
dia.
50
1.969
50
1.969
2.303
dia.
4-4.3 dia.
4-.169 dia.
77
71.5
3.031
2.815
77
3.031
71.5
2.815
88
dia.
3.465
dia.
4-4.3 dia.
4-.169 dia.
89
82.5
3.504
3.248
89
3.504
82.5
3.248
106
dia.
4.173
dia.
4-4.3 dia.
4-.169 dia.
4. 120 sq. Series
Discharge side/Suction side
5. 150
×172 Series
Discharge side/Suction side
115
105
4.528
4.134
115
4.528
105
4.134
136
dia.
5.354
dia.
4-4.3 dia.
4-.169 dia.
146
5.748
152
dia.
5.984
dia.
162
6.378
2-4.3 dia.
2-.169 dia.
02/2006
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17