công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASFN44771 bảng dữ liệu(PDF) 12 Page - Panasonic Semiconductor

tên linh kiện ASFN44771
Giải thích chi tiết về linh kiện  Fan Motor Selector Chart
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN44771 bảng dữ liệu(HTML) 12 Page - Panasonic Semiconductor

Back Button ASFN44771 Datasheet HTML 8Page - Panasonic Semiconductor ASFN44771 Datasheet HTML 9Page - Panasonic Semiconductor ASFN44771 Datasheet HTML 10Page - Panasonic Semiconductor ASFN44771 Datasheet HTML 11Page - Panasonic Semiconductor ASFN44771 Datasheet HTML 12Page - Panasonic Semiconductor ASFN44771 Datasheet HTML 13Page - Panasonic Semiconductor ASFN44771 Datasheet HTML 14Page - Panasonic Semiconductor ASFN44771 Datasheet HTML 15Page - Panasonic Semiconductor ASFN44771 Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
DIMENSIONS (mm inch)
1. Plug cord for AC Fan Motor
2 terminals type
2. Fan guard (You can use this with both DC and AC types.)
3. Fan motor filter (You can use this with both DC and AC types.)
Accessories
ASE51100
For inside of appliance
Flat type 2-core cord (20/0.18)
ASE51109
UL Standard: File No. E106219
Thermoplastic, flat type 2-core cord
UL SPT-1 AWG18 (41/0.16)
CSA POT-64 AWG18 (41/0.16)
9
.354
7.5
.295
8
±0.1
.315
±.004
15.5
.610 18
.709
10
±5
.394
±.197
7
.276
23.5
1000
±30
.925
39.37
±1.181
9
.354
7.5
.295
8
±0.1
.315
±.004
15.5
.610 18
.709
10
±5
.394
±.197
7
.276
23.5
1000
±30
.925
39.37
±1.181
ASE51107
Compliant with Electrical Appliance and Material Safety Law
Flat type 2-core cord (30/0.18)
9.3
7.5
.366
.295
8
±0.1
.315
±.004
16.7
.657
18.5
.728
10
±5
.394
±.197
7
1000
±30
22
20
.276
39.37
±1.181
.866
.787
ASFN48001
Recognized for 40 sq. by UL/CSA
Material used: Steel, 1.6 dia.
ASF
N68001
Recognized for 60 sq. by UL/CSA
Material used: Steel, 1.6 dia.
ASF
N88001
Recognized for 80 sq. by UL/CSA
Material used: Steel, 1.6 dia.
ASF
N98001
Recognized for 92 sq. by UL/CSA
Material used: Steel, 1.6 dia.
.189
4.8
32
1.260
5.0
.197
53.2 dia.
2.094 dia.
50.0
1.969
1.6 dia.
.063 dia.
1.6 dia.
.063 dia.
4.6 dia.
.181 dia.
5.0
.197
76.2 dia.
3.000 dia.
1.6 dia.
.063 dia.
1.8 dia.
.071 dia.
4.6 dia.
.181 dia.
71.4
2.811
5.0
.197
89.5 dia.
3.524 dia.
1.6 dia.
.063 dia.
1.8 dia.
.071 dia.
4.6 dia.
.181 dia.
82.4
3.244
ASE
N88001
For 80 sq. by Electrical Appliance
and Material Safety Law
Material used: Steel, 1.6 dia.
ASE
N98001
For 92 sq. by Electrical Appliance
and Material Safety Law
Material used: Steel, 1.6 dia.
ASE
N18001
For 120 sq. by Electrical Appliance
and Material Safety Law
Material used: Steel, 1.6 dia.
ASEN58001
Recognized for
150
×172 by UL/CSA
Material used: Steel, 2.3 dia.
5.0
.197
1.6 dia.
.063 dia.
80 dia.
3.150 dia.
30 dia.
1.181 dia.
105
4.134
4.3
.169
5.0
.197
1.6 dia.
.063 dia.
90 dia.
3.543 dia.
30 dia.
1.181 dia.
4.3
.169
121
4.764
5.0
.197
1.6 dia.
.063 dia.
108 dia.
4.252 dia.
30 dia.
1.181 dia.
4.3
.169
152.5
6.004
60.2
2.370
162.05
6.380
154.4 dia.
6.079 dia.
6.45
.254
2.3 dia.
.091 dia.
1.8 dia. .071 dia.
ASEN68002
For 60 sq.
ASEN88002
For 80 sq.
ASEN98002
For 92 sq.
ASEN18002
For 120 sq.
4.5
dia.
.177
dia.
50 1.969
60 2.362
6.4
.252
3.8
dia.
.150
dia.
71.5 2.815
83.6 3.291
10
.394
3.8
dia.
.150
dia.
82.5 3.248
96.5 3.799
10
.394
4.5
dia.
.177
dia.
104.8 4.126
123.7 4.870
10.7
.421
02/2006
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17