| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS-T8P bảng dữ liệu(PDF) 33 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
LS-T8P bảng dữ liệu(HTML) 33 Page - IDEC Corporation |
|
33 / 64 page ![]() 33 Mounting Hole R0.8 max. 0 +0.4 +0.2 0 ø22. 3 3.2 Determine the minimum mounting hole centers in consideration of convenience for wiring. HW1E-BV4 Terminal Arrangement (Bottom View) HW1E-LV4 All dimensions in mm. HW Series Emergency Stop Switches ø22 Dimensions HW1E-BV4 HW1E-LV4 0.5 Panel Thickness 0.8 to 6 Gasket 46 48 11.5 32 M3.5 Terminal Screw Locking Ring Gasket ø40 63 23.5 32 14 Panel Thickness 0.8 to 6 0.5 Locking Ring Lamp Terminal M3.5 Terminal Screw M3.5 Terminal Screw 1NO-1NC TOP 22 (NC) 13 (NO) 14 (NO) 21 (NC) 2NC X2 TOP 22 (NC) 11 (NC) 12 (NC) 21 (NC) 1NO-1NC 2NC LAMP X1 X2 TOP 22 (NC) 13 (NO) 14 (NO) 21 (NC) LAMP X1 X2 TOP 22 (NC) 11 (NC) 12 (NC) 21 (NC) HW |