công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A7845627 bảng dữ liệu(PDF) 13 Page - CommScope Inc.

tên linh kiện A7845627
Giải thích chi tiết về linh kiện  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COMMSCOPE [CommScope Inc.]
Trang chủ  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

A7845627 bảng dữ liệu(HTML) 13 Page - CommScope Inc.

Back Button A7845627 Datasheet HTML 9Page - CommScope Inc. A7845627 Datasheet HTML 10Page - CommScope Inc. A7845627 Datasheet HTML 11Page - CommScope Inc. A7845627 Datasheet HTML 12Page - CommScope Inc. A7845627 Datasheet HTML 13Page - CommScope Inc. A7845627 Datasheet HTML 14Page - CommScope Inc. A7845627 Datasheet HTML 15Page - CommScope Inc. A7845627 Datasheet HTML 16Page - CommScope Inc. A7845627 Datasheet HTML 17Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
11
ERA Ordering Guide
For North America
ERA Carrier Access Point Low Power
ERA Carrier Access Point (CAP) feature external antenna ports for performance,
aesthetics and signal shaping; and allow embedded MIMO support to deliver top
data speeds.
Features
• Up to 21 dBm power to economically cover large indoor and outdoor spaces
• Outdoor and plenum ratings to allow widest variety of deployment scenarios
• Copper or fiber connections to suit short or long cable runs
• Power over CAT cable or remote power through hybrid fiber support
• Daisy-chaining capability for secondary CAP or other IP device such as a Wi-Fi
access point or IP security camera
Ordering Information
Description
Network
Connection
Powered
Fan Kit
Product
Code
CommScope
Material ID
CAP L - Carrier Access Point for Low Power
4-Band Support
AWS 1700 MIMO and
WCS 2300 MIMO
Applications
Copper Fed
Power Over
CAT
Without Fan Kit
CAP L 17E/17E/23/23 C-PE
7770203-0004
Fiber Fed
External DC
Without Fan Kit
CAP L 17E/17E/23/23 F-DC
7770203-0006
AWS 1700 MIMO
and PCS 1900 MIMO
Applications
Copper Fed
Power Over
CAT
Without Fan Kit
CAP L 17E/17E/19/19 C-PE
7770356-0004
Fiber Fed
External DC
Without Fan Kit
CAP L 17E/17E/19/19 F-DC
7770356-0006
USA 700, USA 750,
SMR 800, CEL 850,
AWS 1700 and PCS
1900 Applications
Copper Fed
Power Over
CAT
Without Fan Kit
CAP L 7/80-85/17E/19 C-PE
7776596-0004
Fiber Fed
External DC
Without Fan Kit
CAP L 7/80-85/17E/19 F-DC
7776596-0006
AWS 1700 MIMO,
PCS 1900, WCS
2300 and TDD 2500
Applications
Copper Fed
Power Over
CAT
Without Fan Kit
CAP L 17E/19/23/25 C-PE
7776597-0004
Fiber Fed
External DC
Without Fan Kit
CAP L 17E/19/23/25 F-DC
7776597-0006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com