| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMTR2815S/KR bảng dữ liệu(PDF) 2 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SMTR2815S/KR bảng dữ liệu(HTML) 2 Page - Interpoint Corporation Company |
|
2 / 12 page ![]() ® TYPICAL CHARACTERISTICS SYNC AND INHIBIT RECOMMENDED OPERATING CONDITIONS ABSOLUTE MAXIMUM RATINGS Input Voltage • 16 to 40 VDC Output Power • 25 to 30 watts depending on model Lead Soldering Temperature (10 sec per pin) • 300°C Storage Temperature Range (Case) • –65°C to +135°C 2 SMTR SERIES 30 WATT DC/DC CONVERTERS Output Voltage Temperature Coefficient • 100 ppm/°C typical single and dual outputs • 200 ppm/°C main, 300 ppm/°C aux triple output Input to Output Capacitance • 50 pF typ (100 pF typ triple outputs) Current Limit • 115% of full load typical Isolation • 100 megohm minimum at 500 V Audio Rejection • 40 dB typ (50 dB typ triple output)l Conversion Frequency • Free run 550 min, 600 typ, 650 max kHz • External sync 500 to 675 kHz Inhibit Pin Voltage (unit enabled) • 9 to 11 V Input Voltage Range • 16 to 40 VDC continuous • 50 V for 50 msec transient Case Operating Temperature (Tc) • –55°C to +125°C full power • –55°C to +135°C absolute Derating Output Power/Current • Linearly from 100% at 125°C to 0% at 135°C Sync (500 to 675 kHz) • Duty cycle 40% min, 60% max • Logic low 0.8 V max • Logic high 4.5 V min, 5 V max • Referenced to input common • If not used, connect to input common Inhibit TTL Open Collector • Logic low (output disabled) Voltage ≤0.8 V Inhibit pin current 8.0 mA max • Referenced to input common • Logic high (output enabled) Open collector Notes 1. Tc = –55°C to +125°C 2. Operation is limited below 16V (see Figure 21). 3. Tested with 3300 pF ceramic bypass capacitors connected externally from input common to case and output common to case. 4. Indefinite short circuit protection not guaranteed above 125°C case. 5. Recovery time is measured from application of the transient to point at which Vout is within 1% of final value. 6. Transition time ≥10 µs. Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, radiation level O, unless otherwise specified. SINGLE OUTPUT MODELS SMTR283R3S SMTR2805S SMTR2812S SMTR2815S PARAMETER CONDITION MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX UNITS OUTPUT VOLTAGE 3.27 3.30 3.33 4.95 5.00 5.05 11.88 12.00 12.12 14.85 15.00 15.15 VDC OUTPUT CURRENT1 VIN = 16 to 40 VDC 0 –– 5.45 0 — 5.0 0 — 2.5 0 — 2.0 A OUTPUT POWER1 VIN = 16 to 40 VDC 0 — 18 0 — 25 0 — 30 0 — 30 W OUTPUT RIPPLE 10 kHz – 2 MHz — 15 40 — 35 40 — 25 40 — 25 40 mV p-p VOLTAGE Tc = –55°C TO +125°C — — 50 — 50 90 — 40 90 — 40 90 LINE REGULATION2 Vin = 16 to 40 VDC Tc = –55°C TO +125°C — — 20 — 15 50 — 15 50 — 15 50 mV LOAD REGULATION NO LOAD TO FULL Tc = –55°C TO +125°C — — 20 — 15 50 — 15 50 — 15 50 mV INPUT VOLTAGE1 CONTINUOUS 16 28 40 16 28 40 16 28 40 16 28 40 VDC NO LOAD TO FULL TRANSIENT 50 ms — —50— —50 — —50— —50 V INPUT CURRENT1 NO LOAD — 30 75 — 35 75 — 35 75 — 35 75 mA FULL LOAD — 0.94 — — 1.15 — — 1.30 — — 1.25 — A INHIBITED — 7 8 — 3 8 — 3 8 — 3 8 mA INPUT RIPPLE 10 kHz – 10 MHz CURRENT3 Tc = –55°C TO +125°C — 25 50 — 20 50 — 20 50 — 20 50 mA p-p EFFICIENCY 74 76 — 74 78 — 78 83 — 79 84 — % LOAD FAULT4 SHORT CIRCUIT POWER DISSIPATION — — 10 — — 10 — — 10 — — 10 W RECOVERY1, 5 — 1.4 6 — 1.4 5 — 1.4 5 — 1.4 5 ms STEP LOAD RESP. 50% – 100% – 50% TRANSIENT — ±125 ±250 — ±200 ±300 — ±250 ±400 — ±350 ±500 mV pk RECOVERY5 — — 200 — 60 200 — 60 200 — 60 200 µs STEP LINE RESP. 16 – 40 – 16 VDC TRANSIENT6 — — ±300 — ±200 ±300 — ±400 ±500 — ±500 ±600 mV pk RECOVERY5 — — 300 — — 300 — — 300 — — 300 µs START-UP1 DELAY — 1.4 5 — 1.4 5 — 1.4 5 — 1.4 5 ms OVERSHOOT FULL LOAD — 0 50 — 0 50 — 0 120 — 0 150 mV pk NO LOAD — 33 150 — 50 250 — 120 600 — 150 750 |